Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-33KC/W Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM188ES-33KC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33KC/W Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM188ES-33KC/W Datasheet HTML 49Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 50Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 51Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 52Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 53Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 54Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 55Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 56Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
53
P R E L IMINAR Y
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Am186ES/Am188ES....................... –65
°C to +125°C
Am186ESLV/Am188ESLV .............. –65
°C to +125°C
Voltage on any pin with respect to ground
Am186/188ES ............................ –0.5 V to Vcc +0.5 V
Am186/188ESLV ....................... –0.5 V to Vcc +0.5 V
Note: Stresses above those listed under Absolute
Maximum Ratings may cause permanent device fail-
ure. Functionality at or above these limits is not implied.
Exposure to absolute maximum ratings for extended
periods may affect device reliability.
OPERATING RANGES
Operating Ranges define those limits between which
the functionality of the device is guaranteed.
Am186ES/Am188ES Microcontrollers
Commercial (TC) .................................0°C to +100°C
Industrial* (TA) ..................................–40°C to +85°C
VCC up to 33 MHz......................................5 V ± 10%
VCC greater than 33 MHz ............................5 V ± 5%
Am186ESLV/Am188ESLV Microcontrollers
Commercial (TA) ................................... 0°C to +70°C
VCC up to 25 MHz................................. 3.3 V ± 0.3 V
Where:
TC = case temperature
TA = ambient temperature
* I ndu s t rial ver s ions of A m 186ES and A m 1 88ES
microcontrollers are available in 20 and 25 MHz operating
frequencies only.
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES
Notes:
a
The LCS/ONCE0, MCS3–MCS0, UCS/ONCE1, and RD pins have weak internal pullup resistors. Loading the LCS/ONCE0
and UCS/ONCE1 pins in excess of IOH = –200 µA during reset can cause the device to go into ONCE mode.
b
Current is measured with the device in RESET with X1 and X2 driven and all other non-power pins open but held High or Low.
c
Testing is performed with the pins floating, either during HOLD or by invoking the ONCE mode.
d
Power supply current for the Am186ESLV and Am188ESLV microcontrollers, which are available in 20 and 25 MHz operating
frequencies only.
Symbol
Parameter Description
Test Conditions
Preliminary
Unit
Min
Max
VIL
Input Low Voltage (Except X1)
–0.5
0.8
V
VIL1
Clock Input Low Voltage (X1)
–0.5
0.8
V
VIH
Input High Voltage (Except RES and X1)
2.0
VCC +0.5
V
VIH 1
Input High Voltage (RES)2.4
VCC +0.5
V
VIH 2
Clock Input High Voltage (X1)
VCC –0.8
VCC +0.5
V
VOL
Output Low Voltage
Am186ES and Am188ES
IOL= 2.5 mA (S2–S0)
IOL= 2.0 mA (others)
0.45
V
Am186ESLV and Am188ESLV
IOL= 1.5 mA (S2–S0)
IOL= 1.0 mA (others)
0.45
V
VOH
Output High Voltage(a)
Am186ES and Am188ES
IOH= –2.4 mA @ 2.4 V
2.4
VCC +0.5
V
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
Am186ESLV and Am188ESLV
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
ICC
Power Supply Current @ 0
°C
Am186ES and Am188ES
VCC = 5.5 V
(b)
5.9
mA/MHz
Am186ESLV and Am188ESLV
VCC = 3.6 V
(b)
2.75
mA/MHz
ILI
Input Leakage Current @ 0.5 MHz
0.45 V
≤V
IN≤V
CC
±10
µA
ILO
Output Leakage Current @ 0.5 MHz
0.45 V
≤V
OUT≤V
CC
(c)
±10
µA
VCLO
Clock Output Low
ICLO= 4.0 mA
0.45
V
VCHO
Clock Output High
ICHO= –500 µAVCC –0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com