Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40KC/W Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM188ES-40KC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40KC/W Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM188ES-40KC/W Datasheet HTML 68Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 69Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 70Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 71Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 72Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 73Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 74Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 75Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
72
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Write Cycle (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL =50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC – 0.5 V.
a
Testing is performed with equal loading on referenced pins.
b
This parameter applies to the DEN, DS, INTA1–INTA0, WR, WHB, and WLB signals.
Parameter
Preliminary
Unit
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
General Timing Responses
3tCHSV
Status Active Delay
0
15
0
12
ns
4tCLSH
Status Inactive Delay
0
15
0
12
ns
5tCLAV
AD Address Valid Delay and BHE
0
15
0
12
ns
6tCLAX
Address Hold
025020
ns
7tCLDV
Data Valid Delay
0
15
0
12
ns
8tCHDX
Status Hold Time
0
0
ns
9tCHLH
ALE Active Delay
15
12
ns
10
tLHLL
ALE Width
tCLCL–10=20
tCLCL–5=20
ns
11
tCHLL
ALE Inactive Delay
15
12
ns
12
tAVLL
AD Address Valid to ALE Low(a)
tCLCH–2
tCLCH–2
ns
13
tLLAX
AD Address Hold from ALE
Inactive(a)
tCHCL–2
tCHCL–2
ns
14
tAVCH
AD Address Valid to Clock High
0
0
ns
16
tCLCSV
MCS/PCS Active Delay
0
15
0
12
ns
17
tCXCSX
MCS/PCS Hold from Command
Inactive(a)
tCLCH–2
tCLCH–2
ns
18
tCHCSX
MCS/PCS Inactive Delay
0
15
0
12
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
00
ns
20
tCVCTV
Control Active Delay 1(b)
015012
ns
21
tCVDEX
DS Inactive Delay
0
15
0
12
ns
22
tCHCTV
Control Active Delay 2
0
15
0
12
ns
23
tLHAV
ALE High to Address Valid
10
7.5
ns
Write Cycle Timing Responses
30
tCLDOX
Data Hold Time
0
0
ns
31
tCVCTX
Control Inactive Delay(b)
015012
ns
32
tWLWH
WR Pulse Width
2tCLCL–10=50
2tCLCL–10=40
ns
33
tWHLH
WR Inactive to ALE High(a)
tCLCH–2
tCLCH–2
ns
34
tWHDX
Data Hold after WR(a)
tCLCL–10=20
tCLCL–10=15
ns
35
tWHDEX
WR Inactive to DEN Inactive(a)
tCLCH–5
tCLCH
ns
65
tAVWL
A Address Valid to WR Low
tCLCL+tCHCL–3
tCLCL+tCHCL–
1.25
ns
67
tCHCSV
CLKOUTA High to LCS/UCS Valid
0
15010
ns
68
tCHAV
CLKOUTA High to A Address
Valid
015010
ns
87
tAVBL
A Address Valid to WHB, WLB
Low
tCHCL–3
15
tCHCL–1.25
12
ns
98
tDSHDIW DS High to Data Invalid—Write
0
20
0
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com