Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMP504ACEZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP504ACEZ-RL7
Description  Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP504ACEZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADMP504ACEZ-RL7 Datasheet HTML 1Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 2Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 3Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 4Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 5Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 6Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP504ACEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultralow Noise Microphone with
Bottom Port and Analog Output
Data Sheet
ADMP504
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Tiny, 3.35 mm × 2.5 mm × 0.88 mm surface-mount package
Omnidirectional response
Very high SNR of 65 dBA
Sensitivity of −38 dBV
Extended frequency response from 100 Hz to 20 kHz
Low current consumption: 180 μA
Single-ended analog output
120 dB maximum SPL
High PSR of 70 dBV
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Tablet computers
Teleconferencing systems
Digital still and video cameras
Bluetooth headsets
Notebook PCs
Security and surveillance
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
AMPLIFIER
ADMP504
POWER
VDD GND
OUTPUT
Figure 1.
TOP ISO
BOTTOM ISO
Figure 2. Isometric Views of ADMP504 Microphone Package
GENERAL DESCRIPTION
The ADMP5041 is a high performance, very low noise, low
power, analog output, bottom-ported omnidirectional MEMS
microphone. The ADMP504 consists of a MEMS microphone
element, an impedance converter and an output amplifier. The
ADMP504 sensitivity specification makes it an excellent choice
for both near field and far field applications. The ADMP504 is
function- and pin-compatible with the ADMP404 microphone,
providing an easy upgrade path.
The ADMP504 has very high SNR and extended wideband
frequency response, resulting in natural sound with high
intelligibility. Low current consumption enables long battery
life for portable applications. A built-in particle filter provides
high reliability. The ADMP504 complies with the TIA-920
Telecommunications Telephone Terminal Equipment Transmis-
sion Requirements for Wideband Digital Wireline Telephones
standard.
The ADMP504 is available in an ultraminiature 3.35 mm ×
2.5 mm × 0.88 mm surface-mount package. It is reflow solder
compatible with no sensitivity degradation. The ADMP504 is
halide free.
1 Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; 7,961,897. Other patents are pending.


Similar Part No. - ADMP504ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP504ACEZ-RL7 AD-ADMP504ACEZ-RL7 Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
More results

Similar Description - ADMP504ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP510 AD-ADMP510 Datasheet
247Kb / 12P
RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com