Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7981ATR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7981ATR
Description  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981ATR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7981ATR Datasheet HTML 12Page - STMicroelectronics L7981ATR Datasheet HTML 13Page - STMicroelectronics L7981ATR Datasheet HTML 14Page - STMicroelectronics L7981ATR Datasheet HTML 15Page - STMicroelectronics L7981ATR Datasheet HTML 16Page - STMicroelectronics L7981ATR Datasheet HTML 17Page - STMicroelectronics L7981ATR Datasheet HTML 18Page - STMicroelectronics L7981ATR Datasheet HTML 19Page - STMicroelectronics L7981ATR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Application informations
L7981
16/44
Doc ID 15182 Rev 3
Given the physical dimension, ceramic capacitors can meet well the requirements of the
input filter sustaining an higher input RMS current than electrolytic / tantalum types. In this
case the equation of CIN as a function of the target VPP can be written as follows:
Equation 7
neglecting the small ESR of ceramic capacitors.
Considering
η=1, this function has its maximum in D=0.5, thus, given the maximum peak to
peak input voltage (VPP_MAX), the minimum input capacitor (CIN_MIN) value is:
Equation 8
Typically CIN is dimensioned to keep the maximum peak-peak voltage in the order of 1% of
VINMAX
In
Table 6. some multi layer ceramic capacitors suitable for this device are reported
A ceramic bypass capacitor, as close to the VCC and GND pins as possible, so that
additional parasitic ESR and ESL are minimized, is suggested in order to prevent instability
on the output voltage due to noise. The value of the bypass capacitor can go from 100 nF to
1 µF.
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value in order to have the expected current ripple has to be selected.
The rule to fix the current ripple value is to have a ripple at 20%-40% of the output current.
In the continuos current mode (CCM), the inductance value can be calculated by the
following equation:
Table 6.
Input MLCC capacitors
Manufacture
Series
Cap value (
μF)
Rated voltage (V)
Taiyo Yuden
UMK325BJ106MM-T
10
50
GMK325BJ106MN-T
10
35
Murata
GRM32ER71H475K
4.7
50
C
IN
I
O
V
PP
F
SW
---------------------------
1
D
η
----
⎝⎠
⎛⎞
D
D
η
----
1D
()
+
=
C
IN_MIN
I
O
2V
PP_MAX
F
SW
⋅⋅
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com