Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9777B Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9777B
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9777B Datasheet HTML 4Page - STMicroelectronics L9777B Datasheet HTML 5Page - STMicroelectronics L9777B Datasheet HTML 6Page - STMicroelectronics L9777B Datasheet HTML 7Page - STMicroelectronics L9777B Datasheet HTML 8Page - STMicroelectronics L9777B Datasheet HTML 9Page - STMicroelectronics L9777B Datasheet HTML 10Page - STMicroelectronics L9777B Datasheet HTML 11Page - STMicroelectronics L9777B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Block diagrams and pins configuration
L9777
8/25
Doc ID 13496 Rev 2
8I
TIMING
OPTION A & B: RESET filter time
External cap on this pin sets the delay time between NMI and
RESET output
OPTION C: not used and should be left floating or shorted to
ground.
9O
VCC
Voltage regulator output
External cap CVCC
≥ 220 nF is needed to stabilize the regulator
10
O
VDD
VDD
Output regulated voltage switched on/off by VDD_EN pin.
External cap CVDD=100 nF is needed to stabilize the regulator
11
GND
Ground
12
I
RADJ
VCC under voltage Threshold Adjustment
By connecting this pin to an external resistor divider vs. VCC, is
possible to set the VCC under voltage threshold.
If this pin is connected to GND the under voltage threshold is set
by internal circuit.
Table 2.
Pin description (continued)
Pin#
I/O
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com