Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PU12R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39100PU12R
Description  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU12R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39100PU12R Datasheet HTML 9Page - STMicroelectronics LD39100PU12R Datasheet HTML 10Page - STMicroelectronics LD39100PU12R Datasheet HTML 11Page - STMicroelectronics LD39100PU12R Datasheet HTML 12Page - STMicroelectronics LD39100PU12R Datasheet HTML 13Page - STMicroelectronics LD39100PU12R Datasheet HTML 14Page - STMicroelectronics LD39100PU12R Datasheet HTML 15Page - STMicroelectronics LD39100PU12R Datasheet HTML 16Page - STMicroelectronics LD39100PU12R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Typical performance characteristics
Doc ID 15676 Rev 3
13/23
Figure 22.
Enable voltage vs. temperature
Figure 23.
Load transient (IOUT = from 10 mA
to 1 A)
VEN= VIN=3.5V, VOUT=0.8V, IOUT= from10mA to 1A,
tR= tF =5 µs
Figure 24.
Load transient (VOUT = 0.8 V)
Figure 25.
Load transient (VOUT = 2.5 V)
VEN= VIN=3.5V, VOUT=0.8V, IOUT= from100 mA to 1A,
tR= tF =5 µs
VEN= VIN=3.5V, VOUT=2.5V, IOUT= from10 mA to 1A,
tR= tF =5 µs
Figure 26.
Load transient (IOUT = from 100 mA
to 1 A)
Figure 27.
Line regulation transient
VEN= VIN=3.5V, VOUT=2.5V, IOUT= from100 mA to 1A,
tR= tF =5 µs
VEN= VIN =1.8 V to 2.3 V, VOUT = 0.8V, IOUT=100 mA,
tR = tF = 5 µs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 5.5 V IOUT = 100 mA, VOUT = 0.8 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 5.5 V IOUT = 100 mA, VOUT = 0.8 V
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
V
IN
V
OUT
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com