Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F2 Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 75Page - STMicroelectronics PSD813F2 Datasheet HTML 76Page - STMicroelectronics PSD813F2 Datasheet HTML 77Page - STMicroelectronics PSD813F2 Datasheet HTML 78Page - STMicroelectronics PSD813F2 Datasheet HTML 79Page - STMicroelectronics PSD813F2 Datasheet HTML 80Page - STMicroelectronics PSD813F2 Datasheet HTML 81Page - STMicroelectronics PSD813F2 Datasheet HTML 82Page - STMicroelectronics PSD813F2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
PSD8XXFX
Power management
Doc ID 7833 Rev 7
79/128
17
Power management
All PSD devices offer configurable power saving options. These options may be used
individually or in combinations, as follows:
●
All memory blocks in a PSD (primary and secondary Flash memory, and SRAM) are
built with power management technology. In addition to using special silicon design
methodology, power management technology puts the memories into standby mode
when address/data inputs are not changing (zero DC current). As soon as a transition
occurs on an input, the affected memory “wakes up”, changes and latches its outputs,
then goes back to Standby. The designer does not have to do anything special to
achieve memory Standby mode when no inputs are changing—it happens
automatically.
The PLD sections can also achieve Standby mode when its inputs are not changing, as
described in the sections on the Power Management mode registers (PMMR).
●
As with the Power Management mode, the Automatic Power Down (APD) block allows
the PSD to reduce to standby current automatically. The APD Unit can also block MCU
address/data signals from reaching the memories and PLDs. This feature is available
on all the devices of the PSD family. The APD Unit is described in more detail in
Section 17.1: Automatic Power-down (APD) Unit and Power-down mode.
Built in logic monitors the Address Strobe of the MCU for activity. If there is no activity
for a certain time period (MCU is asleep), the APD Unit initiates Power-down mode (if
enabled). Once in Power-down mode, all address/data signals are blocked from
reaching PSD memory and PLDs, and the memories are deselected internally. This
allows the memory and PLDs to remain in Standby mode even if the address/data
signals are changing state externally (noise, other devices on the MCU bus, etc.). Keep
in mind that any unblocked PLD input signals that are changing states keeps the PLD
out of Standby mode, but not the memories.
●
PSD Chip Select input (CSI, PD2) can be used to disable the internal memories,
placing them in Standby mode even if inputs are changing. This feature does not block
any internal signals or disable the PLDs. This is a good alternative to using the APD
Unit. There is a slight penalty in memory access time when PSD Chip Select input
(CSI, PD2) makes its initial transition from deselected to selected.
●
The PMMRs can be written by the MCU at run-time to manage power. All PSD
supports “blocking bits” in these registers that are set to block designated signals from
reaching both PLDs. Current consumption of the PLDs is directly related to the
composite frequency of the changes on their inputs (see Figure 34 and Figure 35).
Significant power savings can be achieved by blocking signals that are not used in
DPLD or CPLD logic equations.
PSD devices have a Turbo Bit in PMMR0. This bit can be set to turn the Turbo mode off
(the default is with Turbo mode turned on). While Turbo mode is off, the PLDs can
achieve standby current when no PLD inputs are changing (zero DC current). Even
when inputs do change, significant power can be saved at lower frequencies (AC
current), compared to when Turbo mode is on. When the Turbo mode is on, there is a
significant DC current component and the AC component is higher.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com