Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM15T6V8A/CA Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM15T6V8A/CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T6V8A/CA Datasheet(HTML) 3 Page - STMicroelectronics

  SM15T6V8A/CA Datasheet HTML 1Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 2Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 3Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 4Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 5Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 6Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 7Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 8Page - STMicroelectronics SM15T6V8A/CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM15T
Characteristics
Doc ID 3080 Rev 6
3/10
Table 3.
Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
10/1000
µs
VCL @IPP
8/20 µs
RD
8/20
µs
αT (2)
25 °C 85 °C
min typ max
max
max
max
µA
V
V
mA
V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/ °C
SM15T6V8A/CA
500
2000
5.8
6.45 6.8
7.14
10
10.5
143
0.023
13.4
746
0.008
5.7
SM15T7V5A/CA
250
1000
6.4
7.13 7.5
7.88
10
11.3
132
0.026
14.5
690
0.010
6.1
SM15T10A/CA
10
50
8.55
9.5
10
10.5
1
14.5
103
0.039
18.6
538
0.015
7.3
SM15T12A/CA
0.2
1
10.2 11.4
12
12.6
1
16.7
90
0.046
21.7
461
0.020
7.8
SM15T15A/CA
0.2
1
12.8 14.3
15
15.8
1
21.2
71
0.076
27.2
368
0.031
8.4
SM15T18A/CA
0.2
1
15.3 17.1
18
18.9
1
25.2
59.5
0.106
32.5
308
0.044
8.8
SM15T22A/CA
0.2
1
18.8 20.9
22
23.1
1
30.6
49
0.153
39.3
254
0.064
9.2
SM15T24A/CA
0.2
1
20.5 22.8
24
25.2
1
33.2
45
0.178
42.8
234
0.075
9.4
SM15T27A/CA
0.2
1
23.1 25.7
27
28.4
1
37.5
40
0.228
48.3
207
0.096
9.6
SM15T30A/CA
0.2
1
25.6 28.5
30
31.5
1
41.5
36
0.278
53.5
187
0.12
9.7
SM15T33A/CA
0.2
1
28.2 31.4
33
34.7
1
45.7
33
0.333
59.0
169
0.14
9.8
SM15T36A/CA
0.2
1
30.8 34.2
36
37.8
1
49.9
30
0.403
64.3
156
0.17
9.9
SM15T39A/CA
0.2
1
33.3 37.1
39
41.0
1
53.9
28
0.461
69.7
143
0.20
10.0
SM15T68A/CA
0.2
1
58.1 64.6
68
71.4
1
92
16.3
1.26
121
83
0.60
10.4
SM15T75A/CA
0.2
1
64.1 71.3
75
78.8
1
103
14.6
1.66
134
75
0.74
10.5
SM15T100A/CA
0.2
1
85.5 95.0 100
105
1
137
11
2.91
178
56
1.30
10.6
SM15T150A/CA
0.2
1
128
143
150
158
1
207
7.2
6.81
265
38
2.82
10.8
SM15T200A/CA
0.2
1
171
190
200
210
1
274
5.5
11.6
353
28
5.11
10.8
SM15T220A/CA
0.2
1
188
209
220
231
1
328
4.6
21.1
388
26
6.04
10.8
1.
Pulse test : tp < 50 ms
2.
To calculate VBR versus junction temperature, use the following formula: VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ – 25)).
3.
To calculate maximum clamping voltage at other surge level, use the following formula: VCL = RD x IPP + VBRmax.
4.
Surge capability given for both directions for unidirectional and bidirectional types.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com