Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRK2000D Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRK2000D
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000D Datasheet(HTML) 1 Page - STMicroelectronics

  SRK2000D Datasheet HTML 1Page - STMicroelectronics SRK2000D Datasheet HTML 2Page - STMicroelectronics SRK2000D Datasheet HTML 3Page - STMicroelectronics SRK2000D Datasheet HTML 4Page - STMicroelectronics SRK2000D Datasheet HTML 5Page - STMicroelectronics SRK2000D Datasheet HTML 6Page - STMicroelectronics SRK2000D Datasheet HTML 7Page - STMicroelectronics SRK2000D Datasheet HTML 8Page - STMicroelectronics SRK2000D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2012
Doc ID 17811 Rev 2
1/17
17
SRK2000
Synchronous rectifier smart driver for LLC resonant converters
Features
Secondary-side synchronous rectifier
controller optimized for LLC resonant
converters
Protection against current reversal
Safe management of load transient, light load
and startup condition
Intelligent automatic sleep-mode at light load
Dual gate driver for N-channel MOSFETs with
1 A source and 3.5 A sink drive current
Operating voltage range 4.5 to 32 V
Programmable UVLO with hysteresis
250 µA quiescent consumption
Operating frequency up to 500 kHz
SO8 package
Applications
All-in-one PC
High-power AC-DC adapters
80+/85+ compliant ATX SMPS
90+/92+ compliant server SMPS
Industrial SMPS
Description
The SRK2000 smart driver implements a control
scheme specific to secondary-side synchronous
rectification in LLC resonant converters that use a
transformer with center-tap secondary winding for
full-wave rectification.
It provides two high-current gate-drive outputs,
each capable of driving one or more N-channel
Power MOSFETs. Each gate driver is controlled
separately and an interlocking logic circuit
prevents the two synchronous rectifier MOSFETs
from conducting simultaneously.
The control scheme in this IC allows for each
synchronous rectifier to be switched on as the
corresponding half-winding starts conducting and
switched off as its current goes to zero. A unique
feature of this IC is its intelligent automatic sleep-
mode. It allows the detection of a low-power
operating condition for the converter and puts the
IC into a low consumption sleep-mode where gate
driving is stopped and quiescent consumption is
reduced. In this way, converter efficiency
improves at light load, where synchronous
rectification is no longer beneficial. The IC
automatically exits sleep-mode and restarts
switching as it recognizes that the load for the
converter has increased.
A noticeable feature is the very low external
component count required.
Figure 1.
Internal block diagram
Table 1.
Device summary
Order code
Package
Packing
SRK2000D
SO-8
Tube
SRK2000DTR
Tape and reel
SO-8
www.st.com


Similar Part No. - SRK2000D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2000D STMICROELECTRONICS-SRK2000D Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
More results

Similar Description - SRK2000D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
logo
Fairchild Semiconductor
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
logo
Texas Instruments
UCC24624 TI1-UCC24624 Datasheet
1Mb / 29P
Dual-Channel Synchronous Rectifier Controller for LLC Resonant Converters
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com