| Electronic Components Datasheet Search |
|
STA309A Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 67 page ![]() STA309A Registers Doc ID 13855 Rev 4 45/67 7.2.41 Biquad internal channel loop-through (0x28) Each internal processing channel can receive two possible inputs at the input to the biquad block. The input can come either from the output of that channel’s MIX#1 engine or from the output of the bass/treble (Biquad#10) of the previous channel. In this scenario, channel 1 receives channel 8. This enables the use of more than 10 biquads on any given channel at the loss of the number of separate internal processing channels. 7.2.42 Mix internal channel loop-through (0x29) Each internal processing channel can receive two possible sets of inputs at the inputs to the Mix#1 block. The inputs can come from the outputs of the interpolation block as normally occurs (CnMXLP = 0) or they can come from the outputs of the Mix#2 block. This enables the use of additional filtering after the second mix block at the expense of losing this processing capability on the channel. D7 D6 D5 D4 D3 D2 D1 D0 C8BLP C7BLP C6BLP C5BLP C4BLP C3BLP C2BLP C1BLP 00 00 000 0 Table 67. CnBLP bits Bit RW RST Name Description 7:0 RW 0 CnBLP For n = 1 to 8: 0: input from channel n MIX#1 engine output - normal operation 1: input from channel (n - 1) biquad #10 output - loop operation. D7 D6 D5 D4 D3 D2 D1 D0 C8MXLP C7MXLP C6MXLP C5MXLP C4MXLP C3MXLP C2MXLP C1MXLP 00 00 000 0 Table 68. CnMXLP bits Bit RW RST Name Description 7:0 RW 0 CnMXLP For n = 1 to 8: 0: inputs to channel n MIX#1 engine from interpolation outputs - normal operation 1: inputs to channel n MIX#1 engine from MIX#2 engine outputs - loop operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |