Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF6NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF6NK50Z
Description  N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF6NK50Z Datasheet HTML 1Page - STMicroelectronics STF6NK50Z Datasheet HTML 2Page - STMicroelectronics STF6NK50Z Datasheet HTML 3Page - STMicroelectronics STF6NK50Z Datasheet HTML 4Page - STMicroelectronics STF6NK50Z Datasheet HTML 5Page - STMicroelectronics STF6NK50Z Datasheet HTML 6Page - STMicroelectronics STF6NK50Z Datasheet HTML 7Page - STMicroelectronics STF6NK50Z Datasheet HTML 8Page - STMicroelectronics STF6NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
April 2004
STP6NK50Z - STF6NK50Z
STD6NK50Z
N-CHANNEL 500V - 0.93
Ω - 5.6A TO-220/TO-220FP/DPAK
Zener-Protected SuperMESH™ MOSFET
s
TYPICAL RDS(on) = 0.93 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDER CODES
TYPE
VDSS
RDS(on)
ID
Pw
STP6NK50Z
STF6NK50Z
STD6NK50Z
500 V
500 V
500 V
<1.2
Ω
<1.2
Ω
<1.2
Ω
5.6 A
5.6 A
5.6 A
90 W
25 W
90 W
PART NUMBER
MARKING
PACKAGE
PACKAGING
STP6NK50Z
P6NK50Z
TO-220
TUBE
STF6NK50Z
F6NK50Z
TO-220FP
TUBE
STD6NK50ZT4
D6NK50Z
DPAK
TAPE & REEL
TO-220
TO-220FP
1
2
3
1
3
DPAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STF6NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6NK50Z STMICROELECTRONICS-STF6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
logo
Inchange Semiconductor ...
STF6NK50Z ISC-STF6NK50Z Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF6NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
10-Apr-2007
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
Dec-2002
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com