| Electronic Components Datasheet Search |
|
ST62P25LD3 Datasheet(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD3 Datasheet(HTML) 78 Page - STMicroelectronics |
|
78 / 105 page ![]() ST6215C ST6225C 78/105 11.7 EMC CHARACTERISTICS Susceptibility tests are performed on a sample ba- sis during product characterization. 11.7.1 Functional EMS (Electro Magnetic Susceptibility) Based on a simple running application on the product (toggling 2 LEDs through I/O ports), the product is stressed by two electro magnetic events until a failure occurs (indicated by the LEDs). ■ ESD: Electro-Static Discharge (positive and negative) is applied on all pins of the device until a functional disturbance occurs. This test conforms with the IEC 1000-4-2 standard. ■ FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and VSS through a 100pF capacitor, until a functional disturbance occurs. This test conforms with the IEC 1000-4- 4 standard. A device reset allows normal operations to be re- sumed. Notes: 1. Data based on characterization results, not tested in production. 2. The suggested 10 µF and 0.1 µF decoupling capacitors on the power supply lines are proposed as a good price vs. EMC performance tradeoff. They have to be put as close as possible to the device power supply pins. Other EMC rec- ommendations are given in other sections (I/Os, RESET, OSCx pin characteristics). Figure 56. EMC Recommended Star Network Power Supply Connection 2) Symbol Parameter Conditions Neg 1) Pos 1) Unit VFESD Voltage limits to be applied on any I/O pin to induce a functional disturbance VDD=5V, TA=+25°C, fOSC=8MHz conforms to IEC 1000-4-2 -2 2 kV VFFTB Fast transient voltage burst limits to be ap- plied through 100pF on VDD and VDD pins to induce a functional disturbance VDD=5V, TA=+25°C, fOSC=8MHz conforms to IEC 1000-4-4 -2.5 3 VDD VSS 0.1 µF 10 µF VDD ST62XX POWER SUPPLY SOURCE ST6 DIGITAL NOISE FILTERING (close to the MCU) 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |