Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP120NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP120NF10
Description  N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STP120NF10 Datasheet HTML 1Page - STMicroelectronics STP120NF10 Datasheet HTML 2Page - STMicroelectronics STP120NF10 Datasheet HTML 3Page - STMicroelectronics STP120NF10 Datasheet HTML 4Page - STMicroelectronics STP120NF10 Datasheet HTML 5Page - STMicroelectronics STP120NF10 Datasheet HTML 6Page - STMicroelectronics STP120NF10 Datasheet HTML 7Page - STMicroelectronics STP120NF10 Datasheet HTML 8Page - STMicroelectronics STP120NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2011
Doc ID 9522 Rev 7
1/21
21
STP120NF10, STB120NF10
STF120NF10, STW120NF10
N-channel 100 V, 0.009
Ω, 110 A STripFET™ II Power MOSFET
in TO-247, TO-220, D²PAK, TO-220FP
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Application
■ Switching applications
Description
These devices are N-channel Power MOSFET
realized with STMicroelectronics unique
STripFET™ process has specifically been
designed to minimize the on-resistance. It is
therefore suitable as primary switch in advanced
high-efficiency, high-frequency isolated DC-DC
converters for telecom and computer application.
It is also intended for any applications with low
gate drive requirements.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STW120NF10
STP120NF10
STB120NF10
STF120NF10
100V
<0.0105
Ω
110 A
110 A
110 A
41 A
TO-247
1
3
1
2
3
TO-220
D²PAK
1
2
3
TO-220FP
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB120NF10
B120NF10
D²PAK
Tape and reel
STF120NF10
120NF10
TO-220FP
Tube
STP120NF10
P120NF10
TO-220
STW120NF10
W120NF10
TO-247
www.st.com


Similar Part No. - STP120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
logo
Inchange Semiconductor ...
STP120NF10 ISC-STP120NF10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NE03L-12 STMICROELECTRONICS-STP60NE03L-12 Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET
Feb-1999
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
STP75NF68 STMICROELECTRONICS-STP75NF68 Datasheet
440Kb / 12P
N-channel 68 V, 0.010 OHM, 80 A, TO-220 STripFET II Power MOSFET
06-Aug-2008
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
22-Mar-2011
STB120NF10T4 STMICROELECTRONICS-STB120NF10T4 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 Ω, 110 A STripFET™II Power MOSFET in TO-247, TO-220, D²PAK, TO-220FP
11-May-2011
STD25NF10LA STMICROELECTRONICS-STD25NF10LA Datasheet
656Kb / 15P
N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
05-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com