| Electronic Components Datasheet Search |
|
ST62P25LN6 Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LN6 Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 105 page ![]() ST6215C ST6225C 65/105 11.3 OPERATING CONDITIONS 11.3.1 General Operating Conditions Notes: 1. An oscillator frequency above 1.2MHz is recommended for reliable A/D results. 2. Operating conditions with TA=-40 to +125°C. Figure 38. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for OTP & ROM devices Symbol Parameter Conditions Min Max Unit VDD Supply voltage see Figure 38 3.0 6 V fOSC Oscillator frequency VDD=3.0V, 1 & 6 Suffix 0 1) 4 MHz VDD=3.0V, 3 Suffix 0 1) 4 VDD=3.6V, 1 & 6Suffix 0 1) 8 VDD=3.6V, 3 Suffix 0 1) 4 VDD Operating Supply Voltage fOSC=4MHz, 1 & 6 Suffix 3.0 6.0 V fOSC=4MHz, 3 Suffix 3.0 6.0 fOSC=8MHz, 1 & 6 Suffix 3.6 6.0 fOSC=8MHz, 3 Suffix 4.5 6.0 TA Ambient temperature range 1 Suffix Version 0 70 °C 6 Suffix Version -40 85 3 Suffix Version -40 125 1 2.5 3.6 4 4.5 5 5.5 6 8 7 6 5 4 3 2 SUPPLY 3 fOSG fOSG Min fOSC [MHz] 3 VOLTAGE (VDD) 2 1 1. In this area, operation is guaranteed at the quartz crystal frequency. 2. When the OSG is disabled, operation in this area is guaranteed at the crystal frequency. When the 3. When the OSG is disabled, operation in this area is guaranteed at the quartz crystal frequency. When OSG is enabled, operation in this area is guaranteed at a frequency of at least fOSG Min. the OSG is enabled, access to this area is prevented. The internal frequency is kept at fOSG. 1 & 6 suffix version 3 suffix version 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |