Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS6507R Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS6507R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6507R Datasheet(HTML) 4 Page - LSI Computer Systems

  LS6507R Datasheet HTML 1Page - LSI Computer Systems LS6507R Datasheet HTML 2Page - LSI Computer Systems LS6507R Datasheet HTML 3Page - LSI Computer Systems LS6507R Datasheet HTML 4Page - LSI Computer Systems LS6507R Datasheet HTML 5Page - LSI Computer Systems LS6507R Datasheet HTML 6Page - LSI Computer Systems LS6507R Datasheet HTML 7Page - LSI Computer Systems LS6507R Datasheet HTML 8Page - LSI Computer Systems LS6507R Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+17
V
Any input voltage (Except AC)
VIN
Vss - 0.3 to VR + 0.3
V
AC input voltage
VAC
Vss - 0.3 to VDD + 0.3
V
Operating temperature
TA
-40 to +70
°C
Storage temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
(All voltages referenced to VSS, TA = -40˚C to +55˚C, VDD = 15V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD = 15V
IDD
-
250
350
µA
Figure 2 configuration
REGULATOR:
Voltage
VR
4.0
-
6
V
-
Current
IR
-
100
150
µA
-
DIFFERENTIAL AMPLIFIERS:
Open Loop Gain, Each Stage
G
70
-
-
dB
-
Common Mode Rejection Ratio CMRR
-
60
-
dB
-
Power Supply Rejection Ratio
PSRR
-
60
-
dB
-
Input Sensitivity
VS
100
-
-
µV
TA = 25˚C, with Amplifier
(Minimum Detectable Voltage
Bandpass configuration
to first amplifier when both
as shown in Figure 2
amplifiers are cascaded for
a net gain of 5,000)
Input Dynamic Range
-
0
-
2.0
V
-
Diff. Amp 2 Internal
VIR
-
0.3VR
-
V
-
Reference
COMPARATOR:
Lower Reference
VTHL
-
VIR - 0.5
-
V
-
Higher Reference
VTHH
-
VIR + 0.5
-
V
-
DIGITAL FILTER:
Input Pulse Width
TPW
66.6
-
-
ms
60Hz operation
(for recognition)
TPW
80.0
-
-
ms
50Hz operation
LDR INPUT:
Inhibit Threshold
VTHI
-
≥
0.5VR
-
V
-
Enable Threshold
VTHE
-
≤
0.45VR
-
V
-
LATCHING RELAY:
Output Sink Current
LR1 / LR2
ILO
50
-
-
mA
VOUT ≤ 1.75V
Drive Output Pulse Width
LPW
-
16.66
-
ms
60Hz operation
LPW
-
20.0
-
ms
50Hz operation
ON / OFF & MODE INPUTS:
Input Current Source
IDS
1
-
4
uA
-
On Threshold Voltage ]
VTHN
-
-
≥
0.5VR
V
-
Mode 1 Selection
]
On Threshold Voltage ]
VTHF
≤
0.25VR
-
-
V
-
Mode 2 Selection
]
6506R-012608-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com