Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1904-ESOSQTP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16LF1904-ESOSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1904-ESOSQTP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16LF1904-ESOSQTP Datasheet HTML 68Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 69Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 70Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 71Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 72Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 73Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 74Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 75Page - Microchip Technology PIC16LF1904-ESOSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 288 page
background image
PIC16LF1904/6/7
DS41569A-page 72
Preliminary
 2011 Microchip Technology Inc.
7.6
Interrupt Control Registers
7.6.1
INTCON REGISTER
The INTCON register is a readable and writable
register, which contains the various enable and flag bits
for TMR0 register overflow, interrupt-on-change and
external INT pin interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 7-1:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R-0/0
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
GIE:
Global Interrupt Enable bit
1
= Enables all active interrupts
0
= Disables all interrupts
bit 6
PEIE:
Peripheral Interrupt Enable bit
1
= Enables all active peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
TMR0IE:
Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE:
INT External Interrupt Enable bit
1
= Enables the INT external interrupt
0
= Disables the INT external interrupt
bit 3
IOCIE:
Interrupt-on-Change Interrupt Enable bit
1
= Enables the interrupt-on-change interrupt
0
= Disables the interrupt-on-change interrupt
bit 2
TMR0IF:
Timer0 Overflow Interrupt Flag bit
1
= TMR0 register has overflowed
0
= TMR0 register did not overflow
bit 1
INTF:
INT External Interrupt Flag bit
1
= The INT external interrupt occurred
0
= The INT external interrupt did not occur
bit 0
IOCIF:
Interrupt-on-Change Interrupt Flag bit
1
= When at least one of the interrupt-on-change pins changed state
0
= None of the interrupt-on-change pins have changed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com