Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7C109KAMB20L Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # L7C109KAMB20L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB20L Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  L7C109KAMB20L Datasheet HTML 1Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 2Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB20L Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
I
I
I
I
Active
Active
Active
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
2
128K x 8 Static RAM
L7C108
L7C109
9
WE
ROW
ADDRESS
I/O7 - 0
COLUMN SELECT
& COLUMN SENSE
CONTROL
8
COLUMN ADDRESS
8
CE1
OE
CE2
(L7C109 only)
128 K x 8
MEMORY ARRAY
L7C108-109 Block Diagram
Mode
OE
CE1
CE2*
WE
DQ
POWER
Standby
Standby
Standby
Standby
Read
Read
Write
TRUTH TABLE
* Note: for L7C109 only
X
X
X
X
L
H
X
VIH
X
VCC - 0.2 V
X
L
L
L
X
VIL
X
GND + 0.2 V
H
H
H
X
X
X
X
H
H
L
High - Z
High - Z
High - Z
High - Z
High - Z
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com