Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455ESOSQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18F2455ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455ESOSQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18F2455ESOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 54
Preliminary
© 2007 Microchip Technology Inc.
IPR2
2455 2550 4455 4550
1111 1111
1111 1111
uuuu uuuu
PIR2
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu(2)
PIE2
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
IPR1
2455 2550 4455 4550
1111 1111
1111 1111
uuuu uuuu
2455 2550 4455 4550
-111 1111
-111 1111
-uuu uuuu
PIR1
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu(2)
2455 2550 4455 4550
-000 0000
-000 0000
-uuu uuuu
PIE1
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
2455 2550 4455 4550
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2455 2550 4455 4550
0--0 0000
0--0 0000
u--u uuuu
TRISE
2455 2550 4455 4550
---- -111
---- -111
---- -uuu
TRISD
2455 2550 4455 4550
1111 1111
1111 1111
uuuu uuuu
TRISC
2455 2550 4455 4550
11-- -111
11-- -111
uu-- -uuu
TRISB
2455 2550 4455 4550
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2455 2550 4455 4550
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATE
2455 2550 4455 4550
---- -xxx
---- -uuu
---- -uuu
LATD
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2455 2550 4455 4550
xx-- -xxx
uu-- -uuu
uu-- -uuu
LATB
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2455 2550 4455 4550
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
PORTE
2455 2550 4455 4550
0--- x000
0--- x000
u--- uuuu
PORTD
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2455 2550 4455 4550
xxxx -xxx
uuuu -uuu
uuuu -uuu
PORTB
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2455 2550 4455 4550
-x0x 0000(5)
-u0u 0000(5)
-uuu uuuu(5)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
4:
See Table 4-3 for Reset value for specific condition.
5:
PORTA<6>, LATA<6> and TRISA<6> are enabled depending on the oscillator mode selected. When not
enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com