Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 303 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 303 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 299Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 300Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 306Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 303
PIC24FJ128GA310 FAMILY
bit 1
BUFM:
Buffer Fill Mode Select bit(1)
1
= A/D buffer is two, 13-word buffers, starting at ADC1BUF0 and ADC1BUF12, and sequential
conversions fill the buffers alternately (Split mode)
0
= A/D buffer is a single, 26-word buffer and fills sequentially from ADC1BUF0 (FIFO mode)
bit 0
ALTS:
Alternate Input Sample Mode Select bit
1
= Uses channel input selects for Sample A on first sample and Sample B on next sample
0
= Always uses channel input selects for Sample A
REGISTER 24-2:
AD1CON2: A/D CONTROL REGISTER 2 (CONTINUED)
Note 1:
These bits are only applicable when the buffer is used in FIFO mode (BUFREGEN = 0). In addition, BUFS
is only used when BUFM = 1.
REGISTER 24-3:
AD1CON3: A/D CONTROL REGISTER 3
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADRC
EXTSAM
PUMPEN
SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADRC:
A/D Conversion Clock Source bit
1
= RC Clock
0
= Clock derived from system clock
bit 14
EXTSAM:
Extended Sampling Time bit
1
= A/D is still sampling after SAMP = 0
0
= A/D is finished sampling
bit 13
PUMPEN:
Charge Pump Enable bit
1
= Charge pump for switches is enabled
0
= Charge pump for switches is disabled
bit 12-8
SAMC<4:0>:
Auto-Sample Time Select bits
11111
= 31 TAD

00001
=1 TAD
00000
= 0 TAD
bit 7-0
ADCS<7:0>:
A/D Conversion Clock Select bits
11111111

= Reserved
01000000
00111111
= 64·TCY =TAD

00000001
= 2·TCY =TAD
00000000
= TCY =TAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com