Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 305 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 305 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 306Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 307Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 308Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 305
PIC24FJ128GA310 FAMILY
REGISTER 24-5:
AD1CON5: A/D CONTROL REGISTER 5
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
ASEN
LPEN
CTMREQ
BGREQ
—
—
ASINT1
ASINT0
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
WM1
WM0
CM1
CM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ASEN:
Auto-Scan Enable bit
1
= Auto-scan is enabled
0
= Auto-scan is disabled
bit 14
LPEN:
Low-Power Enable bit
1
= Low power is enabled after scan
0
= Full power is enabled after scan
bit 13
CTMREQ:
CTMU Request bit
1
= CTMU is enabled when the A/D is enabled and active
0
= CTMU is not enabled by the A/D
bit 12
BGREQ:
Band Gap Request bit
1
= Band gap is enabled when the A/D is enabled and active
0
= Band gap is not enabled by the A/D
bit 11-10
Unimplemented:
Read as ‘0’
bit 9-8
ASINT<1:0>:
Auto-Scan (Threshold Detect) Interrupt Mode bits
11
= Interrupt after Threshold Detect sequence completed and valid compare has occurred
10
= Interrupt after valid compare has occurred
01
= Interrupt after Threshold Detect sequence completed
00
= No interrupt
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-2
WM<1:0>:
Write Mode bits
11
= Reserved
10
= Auto-compare only (conversion results are not saved, but interrupts are generated when a valid
match occurs, as defined by the CM and ASINT bits)
01
= Convert and save (conversion results are saved to locations as determined by the register bits
when a match occurs, as defined by the CM bits)
00
= Legacy operation (conversion data is saved to a location determined by the buffer register bits)
bit 1-0
CM<1:0>:
Compare Mode bits
11
= Outside Window mode (valid match occurs if the conversion result is outside of the window defined by
the corresponding buffer pair)
10
= Inside Window mode (valid match occurs if the conversion result is inside the window defined by the
corresponding buffer pair)
01
= Greater Than mode (valid match occurs if the result is greater than the value in the corresponding
buffer register)
00
= Less Than mode (valid match occurs if the result is less than the value in the corresponding buffer
register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com