Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 363 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 363 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 359Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 360Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 361Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 362Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 363Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 364Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 365Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 366Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 363
PIC24FJ128GA310 FAMILY
TABLE 32-6:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Power-Down Current (IPD)
DC60
—
—
A-40°C
2.0V
3.7
—
A+25°C
6.2
—
A+60°C
13.6
27.5
A+85°C
——
A-40°
3.3V
Sleep(2)
3.8
—
A+25°C
6.3
—
A+60°C
13.7
28
A+85°C
DC61
—
—
A-40°
2.0V
Low-Voltage Sleep(3)
0.33
—
A+25°C
2—
A+60°C
7.7
14.5
A+85°C
——
A-40°
3.3V
0.34
—
A+25°C
2—
A+60°C
7.9
15
A+85°C
DC70
—
—
A-40°
2.0V
Deep Sleep
0.01
—
A+25°C
——
A+60°C
—1.1
A+85°C
——
A-40°
3.3V
0.04
—
A+25°C
——
A+60°C
—1.4
A+85°C
0.4
2.0
A
-40°C to +85°C
0V
RTCC with VBAT mode (LPRC/SOSC)(4)
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
The retention low-voltage regulator is disabled; RETEN (RCON<12>) = 0, LPCFG (CW1<10>) = 1.
3:
The retention low-voltage regulator is enabled; RETEN (RCON<12>) = 1, LPCFG (CW1<10>) = 0.
4:
The VBAT pin is connected to the battery and RTCC is running with VDD = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com