Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455EMLSQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 51
PIC18F2455/2550/4455/4550
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2455 2550 4455 4550
---0 0000
---0 0000
---0 uuuu(1)
TOSH
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu(1)
TOSL
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu(1)
STKPTR
2455 2550 4455 4550
00-0 0000
uu-0 0000
uu-u uuuu(1)
PCLATU
2455 2550 4455 4550
---0 0000
---0 0000
---u uuuu
PCLATH
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
PCL
2455 2550 4455 4550
0000 0000
0000 0000
PC + 2(3)
TBLPTRU
2455 2550 4455 4550
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
TABLAT
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
PRODH
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2455 2550 4455 4550
0000 000x
0000 000u
uuuu uuuu(2)
INTCON2
2455 2550 4455 4550
1111 -1-1
1111 -1-1
uuuu -u-u(2)
INTCON3
2455 2550 4455 4550
11-0 0-00
11-0 0-00
uu-u u-uu(2)
INDF0
2455 2550 4455 4550
N/A
N/A
N/A
POSTINC0
2455 2550 4455 4550
N/A
N/A
N/A
POSTDEC0
2455 2550 4455 4550
N/A
N/A
N/A
PREINC0
2455 2550 4455 4550
N/A
N/A
N/A
PLUSW0
2455 2550 4455 4550
N/A
N/A
N/A
FSR0H
2455 2550 4455 4550
---- 0000
---- 0000
---- uuuu
FSR0L
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2455 2550 4455 4550
N/A
N/A
N/A
POSTINC1
2455 2550 4455 4550
N/A
N/A
N/A
POSTDEC1
2455 2550 4455 4550
N/A
N/A
N/A
PREINC1
2455 2550 4455 4550
N/A
N/A
N/A
PLUSW1
2455 2550 4455 4550
N/A
N/A
N/A
FSR1H
2455 2550 4455 4550
---- 0000
---- 0000
---- uuuu
FSR1L
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
2455 2550 4455 4550
---- 0000
---- 0000
---- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
4:
See Table 4-3 for Reset value for specific condition.
5:
PORTA<6>, LATA<6> and TRISA<6> are enabled depending on the oscillator mode selected. When not
enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com