Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455EMLSQTP Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 117Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 118Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 119Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 120Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 121Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 122Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 123Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 124Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 119
PIC18F2455/2550/4455/4550
TABLE 10-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
RC7/RX/DT/
SDO
RC7
0
OUT
DIG
LATC<7> data output.
1
IN
ST
PORTC<7> data input.
RX
1
IN
ST
Asynchronous serial receive data input (EUSART module).
DT
1
OUT
DIG
Synchronous serial data output (EUSART module); takes priority over
SPI and port data.
1
IN
ST
Synchronous serial data input (EUSART module). User must
configure as an input.
SDO
0
OUT
DIG
SPI data output (MSSP module); takes priority over port data.
TABLE 10-5:
PORTC I/O SUMMARY (CONTINUED)
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, XCVR = USB transceiver, x = Don’t care (TRIS bit does not affect port direction or is overridden
for this option)
Note
1:
Default pin assignment. Alternate pin assignment is RB3 (when CCP2MX = 0).
2:
RC4 and RC5 do not have corresponding TRISC bits. In Port mode, these pins are input only. USB data direction is
determined by the USB configuration.
3:
40/44-pin devices only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTC
RC7
RC6
RC5(1)
RC4(1)
—
RC2
RC1
RC0
54
LATC
LATC7
LATC6
—
—
—
LATC2
LATC1
LATC0
54
TRISC
TRISC7
TRISC6
—
—
—
TRISC2
TRISC1
TRISC0
54
UCON
—
PPBRST
SE0
PKTDIS
USBEN
RESUME SUSPND
—55
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTC.
Note 1:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com