Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455EMLSQTP Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 122Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 123Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 124Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 125Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 126Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 127Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 128Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 129Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 124
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-9:
PORTE I/O SUMMARY
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
RE0/AN5/
CK1SPP
RE0
0
OUT
DIG
LATE<0> data output; not affected by analog input.
1
IN
ST
PORTE<0> data input; disabled when analog input enabled.
AN5
1
IN
ANA
A/D input channel 5; default configuration on POR.
CK1SPP
0
OUT
DIG
SPP clock 1 output (SPP enabled).
RE1/AN6/
CK2SPP
RE1
0
OUT
DIG
LATE<1> data output; not affected by analog input.
1
IN
ST
PORTE<1> data input; disabled when analog input enabled.
AN6
1
IN
ANA
A/D input channel 6; default configuration on POR.
CK2SPP
0
OUT
DIG
SPP clock 2 output (SPP enabled).
RE2/AN7/
OESPP
RE2
0
OUT
DIG
LATE<2> data output; not affected by analog input.
1
IN
ST
PORTE<2> data input; disabled when analog input enabled.
AN7
1
IN
ANA
A/D input channel 7; default configuration on POR.
OESPP
0
OUT
DIG
SPP enable output (SPP enabled).
MCLR/VPP/
RE3
MCLR
—
(1)
IN
ST
External Master Clear input; enabled when MCLRE Configuration bit
is set.
VPP
— (1)
IN
ANA
High-voltage detection, used for ICSP™ mode entry detection.
Always available regardless of pin mode.
RE3
— (1)
IN
ST
PORTE<3> data input; enabled when MCLRE Configuration bit is
clear.
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input
Note
1:
RE3 does not have a corresponding TRISE<3> bit. This pin is always an input regardless of mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTE
RDPU(3)
—
—
—RE3(1,2)
RE2(3)
RE1(3)
RE0(3)
54
LATE(3)
—
—
—
—
—
LATE2
LATE1
LATE0
54
TRISE(3)
—
—
—
—
—
TRISE2
TRISE1
TRISE0
54
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
52
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
53
SPPCON(3)
—
—
—
—
—
—
SPPOWN
SPPEN
55
SPPCFG(3) CLKCFG1 CLKCFG0
CSEN
CLK1EN
WS3
WS2
WS1
WS0
55
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTE.
Note 1:
Implemented only when Master Clear functionality is disabled (MCLRE Configuration bit = 0).
2:
RE3 is the only PORTE bit implemented on both 28-pin and 40/44-pin devices. All other bits are
implemented only when PORTE is implemented (i.e., 40/44-pin devices).
3:
These registers or bits are unimplemented on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com