Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455EMLSQTP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 179Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 180Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 181Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 182Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 183Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 184Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 185Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 186Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 181
PIC18F2455/2550/4455/4550
17.5.3
USB ERROR INTERRUPT STATUS
REGISTER (UEIR)
The USB Error Interrupt Status register (Register 17-9)
contains the flag bits for each of the error sources
within the USB peripheral. Each of these sources is
controlled by a corresponding interrupt enable bit in
the UEIE register. All of the USB error flags are ORed
together to generate the USB Error Interrupt Flag
(UERRIF) at the top level of the interrupt logic.
Each error bit is set as soon as the error condition is
detected.
Thus,
the
interrupt
will
typically
not
correspond with the end of a token being processed.
Once an interrupt bit has been set by the SIE, it must
be cleared by software by writing a ‘0’.
REGISTER 17-9:
UEIR: USB ERROR INTERRUPT STATUS REGISTER
R/C-0
U-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
BTSEF
—
—
BTOEF
DFN8EF
CRC16EF
CRC5EF
PIDEF
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BTSEF: Bit Stuff Error Flag bit
1
= A bit stuff error has been detected
0
= No bit stuff error
bit 6-5
Unimplemented: Read as ‘0’
bit 4
BTOEF: Bus Turnaround Time-out Error Flag bit
1
= Bus turnaround time-out has occurred (more than 16 bit times of Idle from previous EOP elapsed)
0
= No bus turnaround time-out
bit 3
DFN8EF: Data Field Size Error Flag bit
1
= The data field was not an integral number of bytes
0
= The data field was an integral number of bytes
bit 2
CRC16EF: CRC16 Failure Flag bit
1
= The CRC16 failed
0
= The CRC16 passed
bit 1
CRC5EF: CRC5 Host Error Flag bit
1
= The token packet was rejected due to a CRC5 error
0
= The token packet was accepted
bit 0
PIDEF: PID Check Failure Flag bit
1
= PID check failed
0
= PID check passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com