Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455EMLSQTP Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 186Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 187Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 188Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 189Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 190Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 191Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 192Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 193Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 188
Preliminary
© 2007 Microchip Technology Inc.
18.1.2
CLOCKING DATA
The SPP has four control outputs:
• Two separate clock outputs (CK1SPP and
CK2SPP)
• Output enable (OESPP)
• Chip select (CSSPP)
Together, they allow for several different configurations
for controlling the flow of data to slave devices. When
all control outputs are used, the three main options are:
• CLK1 clocks endpoint address information while
CLK2 clocks data
• CLK1 clocks write operations while CLK2 clocks
reads
• CLK1 clocks Odd address data while CLK2 clocks
Even address data
Additional control options are derived by disabling the
CK1SPP and CSSPP outputs. These are enabled or
disabled with the CLK1EN and CSEN bits, respectively,
located in Register 18-2.
18.1.3
WAIT STATES
The SPP is designed with the capability of adding wait
states to read and write operations. This allows access
to parallel devices that require extra time for access.
Wait state clocking is based on the data source clock.
If the SPP is configured to operate as a USB endpoint,
then wait states are based on the USB clock. Likewise,
if the SPP is configured to operate from the micro-
controller, then wait states are based on the instruction
rate (FOSC/4).
The WS3:WS0 bits set the wait states used by the SPP,
with a range of no wait states to 30 wait states, in multi-
ples of two. The wait states are added symmetrically to
all transactions, with one-half added following each of the
two clock cycles normally required for the transaction.
Figure 18-3 and Figure 18-4 show signalling examples
with 4 wait states added to each transaction.
18.1.4
SPP PULL-UPS
The SPP data lines (SPP<7:0>) are equipped with
internal pull-ups for applications that may leave the port
in a high-impedance condition. The pull-ups are
enabled using the control bit, RDPU (PORTE<7>).
REGISTER 18-2:
SPPCFG: SPP CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CLKCFG1
CLKCFG0
CSEN
CLK1EN
WS3
WS2
WS1
WS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CLKCFG1:CLKCFG0: SPP Clock Configuration bits
1x
= CLK1 toggles on read or write of an Odd endpoint address;
CLK2 toggles on read or write of an Even endpoint address
01
= CLK1 toggles on write; CLK2 toggles on read
00
= CLK1 toggles only on endpoint address write; CLK2 toggles on data read or write
bit 5
CSEN: SPP Chip Select Pin Enable bit
1
= RB4 pin is controlled by the SPP module and functions as SPP CS output
0
= RB4 functions as a digital I/O port
bit 4
CLK1EN: SPP CLK1 Pin Enable bit
1
= RE0 pin is controlled by the SPP module and functions as SPP CLK1 output
0
= RE0 functions as a digital I/O port
bit 3-0
WS3:WS0: SPP Wait States bits
1111
= 30 additional wait states
1110
= 28 additional wait states
•
•
•
•
0001
= 2 additional wait states
0000
= 0 additional wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com