Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP61L1024 Datasheet(PDF) 1 Page - AMIC Technology

Part # LP61L1024
Description  128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1024 Datasheet(HTML) 1 Page - AMIC Technology

  LP61L1024 Datasheet HTML 1Page - AMIC Technology LP61L1024 Datasheet HTML 2Page - AMIC Technology LP61L1024 Datasheet HTML 3Page - AMIC Technology LP61L1024 Datasheet HTML 4Page - AMIC Technology LP61L1024 Datasheet HTML 5Page - AMIC Technology LP61L1024 Datasheet HTML 6Page - AMIC Technology LP61L1024 Datasheet HTML 7Page - AMIC Technology LP61L1024 Datasheet HTML 8Page - AMIC Technology LP61L1024 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LP61L1024
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
(August, 2002, Version 2.1)
AMIC Technology, Inc.
Document Title
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
Revision History
Rev. No.
History
Issue Date
Remark
2.0
Add product family and 32-pin TSSOP package
May 9, 2002
Final
2.1
Add 36 ball BGA package type
August 22, 2002


Similar Part No. - LP61L1024

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
More results

Similar Description - LP61L1024

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L256B AMICC-LP61L256B Datasheet
132Kb / 11P
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Lyontek Inc.
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com