Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S1024AX-55LLI Datasheet(PDF) 11 Page - AMIC Technology

Part # LP62S1024AX-55LLI
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024AX-55LLI Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP62S1024AX-55LLI Datasheet HTML 7Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 8Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 9Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 10Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 11Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 12Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 13Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 14Page - AMIC Technology LP62S1024AX-55LLI Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LP62S1024A-I Series
PRELIMINARY
(August, 2001, Version 0.1)
11
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = -40
°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.6
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.6
V
CE2
≤ 0.2V
ICCDR1
Data Retention Current
-
3*
µA
VCC = 2V,
CE1
≥ VCC - 0.2V
VIN
≥ VCC - 0.2V or VIN ≤ 0.2V
ICCDR2
-
3*
µA
VCC = 2V,
CE2
≤ 0.2V
VIN
≥ VCC - 0.2V or VIN ≤ 0.2V
tCDR
Chip Disable to Data Retention Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
5
-
ms
*
LP62S1024A-55LLI/70LLI
ICCDR: max.
I
µA at TA = 0°C to + 40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com