Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S1024AV-55LLT Datasheet(PDF) 4 Page - AMIC Technology

Part # LP62S1024AV-55LLT
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024AV-55LLT Datasheet(HTML) 4 Page - AMIC Technology

  LP62S1024AV-55LLT Datasheet HTML 1Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 2Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 3Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 4Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 5Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 6Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 7Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 8Page - AMIC Technology LP62S1024AV-55LLT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP62S1024A-T Series
(August, 2001, Version 1.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
VCC to GND .............................................. -0.5V to +4.6V
IN, IN/OUT Volt to GND .....................-0.5V to VCC +0.5V
Operating Temperature, Topr ................... -25
°C to +85°C
Storage Temperature, Tstg..................... -55
°C to +125°C
Temperature Under Bias, Tbias................ -10
°C to +85°C
Power Dissipation, PT ...............................................0.7W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
(TA = -25
°C to +85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
LP62S1024A-55LLT/70LLT
Unit
Conditions
Min.
Max.
ILI
Input Leakage
Current
-
1
µA
VIN = GND to VCC
ILO
Output Leakage
Current
-
1
µA
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power Supply
Current
-
3
mA
CE1 = VIL, CE2 = VIH
II/O = 0mA
-
-70NS:30
ICC1
Dynamic Operating
-
-55NS:40
mA
Min. Cycle, Duty = 100%
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC2
Current
-
5
mA
CE1 = VIL, CE2 = VIH
VIH = VCC, VIL = 0V
f = 1 MHZ, II/O = 0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com