Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8245ECS02AD Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8245ECS02AD
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
11
Electrical and Thermal Characteristics
4.2.1
Output Driver Characteristics
Table 4 provides information on the characteristics of the output drivers referenced in Table 16. The values
are preliminary estimates from an IBIS model and are not tested.
Capacitance
Vin = 0 V, f = 1 MHz
Cin
—
16.0
pF
Notes:
1. See Table 16 for pins with internal pull-up resistors.
2. See Table 4 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin
as listed in Table 16.
3. These specifications are for the default driver strengths indicated in Table 4.
4. Leakage current is measured on input and output pins in the high-impedance state. The leakage current is measured for
nominal OVDD/LVDD, and VDD or both OVDD/LVDD and VDD must vary in the same direction.
Table 4. Drive Capability of MPC8245 Output Pins 5
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
IOH
IOL
Unit
Notes
DRV_STD_MEM
20 (default)
OVDD = 3.3 V
36.6
18.0
mA
2, 4, 6
40
18.6
9.2
mA
2, 4, 6
DRV_PCI
20
12.0
12.4
mA
1, 3
40 (default)
6.1
6.3
mA
1, 3
DRV_MEM_CTRL
6 (default)
20
40
GVDD = 3.3 V
89.0
42.3
mA
2, 4
DRV_PCI_CLK
36.6
18.0
mA
2, 4
DRV_MEM_CLK
18.6
9.2
mA
2, 4
Notes:
1. For DRV_PCI, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the 0.33-V label by interpolating between
the 0.3- and 0.4-V table entries’ current values that correspond to the PCI VOH = 2.97 = 0.9 × OVDD (OVDD = 3.3 V) where
table entry voltage = OVDD – PCI VOH.
2. For all others with GVDD or OVDD = 3.3 V, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the 0.9-V table
entry that corresponds to the VOH = 2.4 V where table entry voltage = GVDD/OVDD – VOH.
3. For DRV_PCI, IOL read from the IBIS listing in the pull-down mode, I(Min) column, at 0.33 V = PCI VOL = 0 × OVDD (OVDD
= 3.3 V) by interpolating between the 0.3- and 0.4-V table entries.
4. For all others with GVDD or OVDD = 3.3 V, IOL read from the IBIS listing in the pull-down mode, I(Min) column, at the 0.4-V
table entry.
5. See driver bit details for output driver control register (0x73) in the MPC8245 Integrated Processor Reference Manual.
6. See Chip Errata No. 19 in the MPC8245/MPC8241 RISC Microprocessor Chip Errata.
Table 3. DC Electrical Specifications (continued)
At recommended operating conditions (see Table 2)
Characteristic
Condition 3
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68