Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S1024AX-55LLT Datasheet(PDF) 17 Page - AMIC Technology

Part # LP62S1024AX-55LLT
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024AX-55LLT Datasheet(HTML) 17 Page - AMIC Technology

Back Button LP62S1024AX-55LLT Datasheet HTML 9Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 10Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 11Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 12Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 13Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 14Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 15Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 16Page - AMIC Technology LP62S1024AX-55LLT Datasheet HTML 17Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
LP62S1024A-T Series
(August, 2001, Version 1.0)
17
AMIC Technology, Inc.
Package Information
36LD CSP (6 x 8 mm) Outline Dimensions
unit: mm
A
B
C
D
E
F
G
H
TOP VIEW
Ball#A1 CORNER
SIDE VIEW
C
SEATING PLANE
A
B
C
D
E
F
G
H
1
2
3
4
5
6
1
2
3
4
5
6
C
0.10
C
S
0.25 S
A B
b (36X)
BOTTOM VIEW
Ball*A1 CORNER
B
e
D1
D
A
0.20(4X)
Dimensions in mm
Symbol
MIN.
NOM.
MAX.
A
1.00
1.10
1.20
A1
0.16
0.21
0.26
A2
0.48
0.53
0.58
D
5.80
6.00
6.20
E
7.80
8.00
8.20
D1
---
3.75
---
E1
---
5.25
---
e
---
0.75
---
b
0.25
0.30
0.35
Note:
1. THE BALL DIAMETER, BALL PITCH, STAND-OFF & PACKAGE THICKNESS
ARE DIFFERENT FROM JEDEC SPEC MO192 (LOW PROFILE BGA FAMILY).
2. PRIMARY DATUM C AND SEATING PLANE ARE DEFINED BY THE SPHERICAL
CROWNS OF THE SOLDER BALLS.
3. DIMENSION b IS MEASURED AT THE MAXIMUM.
4. THEERE SHALL BE A MINIMUM CLEARANCE OF 0.25mm BETWEEN THE EDGE OF
THE SOLDER BALL AND THE BODY EDGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com