Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S1024AX-70LLT Datasheet(PDF) 1 Page - AMIC Technology

Part # LP62S1024AX-70LLT
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024AX-70LLT Datasheet(HTML) 1 Page - AMIC Technology

  LP62S1024AX-70LLT Datasheet HTML 1Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 2Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 3Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 4Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 5Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 6Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 7Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 8Page - AMIC Technology LP62S1024AX-70LLT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP62S1024A-T Series
128K X 8 BIT LOW VOLTAGE CMOS SRAM
(August, 2001, Version 1.0)
1
AMIC Technology, Inc.
Features
n Power supply range: 2.7V to 3.6V
n Access times: 55/70 ns (max.)
n Current:
Very low power version: Operating:(70NS)30mA(max.)
(55NS)40mA(max.)
Standby:5uA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2V (min.)
n Available in 32-pin SOP, TSOP, TSSOP (8 X 13.4mm)
forward type and 36-pin CSP packages
General Description
The LP62S1024A-T is a low operating current 1,048,576-
bit static random access memory organized as 131,072
words by 8 bits and operates on a low power voltage:
2.7V to 3.6V. It is built using AMIC's high performance
CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs are provided for POWER-DOWN
and device enable and an output enable input is included
for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configurations
n
n SOP
n
n TSOP/TSSOP
n
n CSP (Chip Size Package)
36-pin Top View
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
GND
I/O5
I/O6
I/O7
I/O8
A10
A9
A8
A13
CE2
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
1
16
17
32
Pin No.
Pin
Name
Pin No.
Pin
Name
1
2
A9
3
4
5
6
7
8
9
10
11
12
13
14
30
29
28
27
26
25
24
22
19
21
20
23
18
17
A8
A13
CE2
A15
VCC
NC
I/O8
A16
A14
A12
A7
A6
A3
A2
A1
A0
I/O1
I/O2
GND
I/O4
I/O5
I/O6
I/O7
I/O3
A11
WE
CE1
15
16
31
32
A5
A4
A10
OE
CE1
WE
A0
I/O5
I/O6
GND
VCC
I/O7
I/O8
A9
A10
OE
A11
CE1
A12
A13
A14
A16
NC
NC
A15
I/O4
I/O3
I/O2
I/O1
GND
VCC
A1
A2
CE2
WE
NC
A5
A4
A3
A6
A7
A8
6
5
4
3
2
1
A
B
C
D
E
F
G
H


Similar Part No. - LP62S1024AX-70LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024AX-70LLI AMICC-LP62S1024AX-70LLI Datasheet
155Kb / 15P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S1024AX-70LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
128K X 8 BIT CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com