Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HGXOHT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # HGXOHT
Description  High Shock, High Temperature Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

HGXOHT Datasheet(HTML) 2 Page - STATEK CORPORATION

  HGXOHT Datasheet HTML 1Page - STATEK CORPORATION HGXOHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 4.0 V (3.3V VDD)
-0.5 V to 7.0 V (5V VDD)
Storage Temperature
-55OC to +125OC
Maximum Process Temperature 260OC for 20 s
HOW TO ORDER HGXOHT SURFACE MOUNT CRYSTAL OSCILLATORS
HGXOHT
4
D
S
N
SM3
20.0M ,
/
/
200
/
H
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10208 Rev B
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available, please contact factory.
Supply Voltage
3.3 V ±10%
5.0 V ±10%
Calibration Tolerance
± 50 ppm, or tighter as required
Frequency Stability
± 100 ppm for 25OCto 150OC
Over Temperature1
± 150 ppm for 25OCto 175OC
± 175 ppm for 25OC to 200OC
Total Tolerance2
± 200 ppm for 25OCto 200OC
Output Load (CMOS)3
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
10 ns MAX
Duty Cycle
40% MIN, 60% MAX
Shock survival4
Up to 100,000 g, 0.5 ms, ½ sine
Vibration, survival5
20 g, 10-2000 Hz, swept sine
Operating Temp Range6
-55ºC up to 200ºC
1. Does not include calibration tolerance.
2. Frequency over temperature relative to nominal frequency.
3. Higher CMOS loads available. Contact factory.
4. Shock survival applies at -55ºC to +125ºC.
5. Per MIL-STD-202G, Method 204D, Condition D, Random vibration testing also available.
6. Expected life at 200ºC is in excess of 1,500 hours.
PACKAGING OPTIONS
HGXOHT - Tray Pack
- Tape and Reel
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data
sheet # 10109)
Frequency
K = kHz
M = MHz
Termination
Blank = SM1
=Gold Plated (Pb Free)
SM3 = Solder Dipped
SM5 = Solder Dipped (Pb Free)
Shock Level
A = 5,000 g
B = 10,000 g
C = 20,000 g
D = 30,000 g
F = 50,000 g
G = 75,000 g
H = 100,000 g
Supply Voltage
4 = 3.3V
5 = 5.0V
Note: The HGXOHT oscillator with SM1 or SM5
termination is Pb free. The HGXOHT oscillator
with SM3 termination contains Pb.
Enable/Disable
Option
E or N
Blank = Standard
S = Special or
custom
ENABLE/DISABLE OPTIONS (E/N)
Statek offers two enable/disable options: E and N. The E-
version has a Tri-State output and stops oscillating internally
when the output is put into the high Z state. The N-version
does not have PIN 1 connected internally and has no
enable/disable capability. The following table describes the
Enable/Disable option E.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND N
EN
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
N/C
Oscillator
Stops
N/C
Current consumption
Very low
N/C
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
Frequency
Stability over
Temp. Range
(in ppm)
50
/
175
/
/
H
Temp. Range:
H = 250C to
2000C
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
OR
Temp. Range:
H = 250C to 2000C
S = Customer
Specified Temp.
Range
Total Frequency
Tolerance (in
ppm)
Calibration
Tolerance
@ 250C
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
N/C Pin 1 not connected, output frequency.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com