Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S2048AM-55LLI Datasheet(PDF) 2 Page - AMIC Technology

Part # LP62S2048AM-55LLI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048AM-55LLI Datasheet(HTML) 2 Page - AMIC Technology

  LP62S2048AM-55LLI Datasheet HTML 1Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 2Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 3Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 4Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 5Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 6Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 7Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 8Page - AMIC Technology LP62S2048AM-55LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LP62S2048A-I Series
Preliminary
256K X 8 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(June, 2002, Version 0.0)
2
AMIC Technology, Inc.
Features
General Description
n Power supply range: 2.7V to 3.3V
n Access times: 55/70 ns (max.)
n Current:
Very low power version: Operating: 55ns: 25mA (max.)
70ns: 20mA (max.)
Standby: 10
µA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2V (min.)
n Available in 32-pin SOP, TSOP, TSSOP (8X13.4mm)
and 36-pin CSP packages
The LP62S2048A-I is a low operating current 2,097,152-bit
static random access memory organized as 262,144 words
by 8 bits and operates on a low power supply range: 2.7V to
3.3V. It is built using AMIC's high performance CMOS
process.
Inputs and three-state outputs are TTL compatible and allow
for direct interfacing with common system bus structures.
Two chip enable inputs are provided for POWER-DOWN
and device enable and an output enable input is included for
easy interfacing.
Data retention is guaranteed at a power supply voltage as
low as 2V.
Product Family
Power Dissipation
Product Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package
Type
LP62S2048A
-40
°C ~ +85°C 2.7V~3.3V
55ns / 70ns
0.5
µA
0.5
µA
3mA
32L SOP
32L TSOP
32L TSSOP
36L CSP
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com