Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S2048AM-55LLT Datasheet(PDF) 6 Page - AMIC Technology

Part # LP62S2048AM-55LLT
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048AM-55LLT Datasheet(HTML) 6 Page - AMIC Technology

Back Button LP62S2048AM-55LLT Datasheet HTML 2Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 3Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 4Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 5Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 6Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 7Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 8Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 9Page - AMIC Technology LP62S2048AM-55LLT Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LP62S2048A-T Series
PRELIMINARY
(June, 2002, Version 0.0)
6
AMIC Technology, Inc.
Truth Table
Mode
CE1
CE2
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
X
High Z
ISB, ISB1
X
L
X
X
High Z
ISB, ISB2
Output Disable
L
H
H
H
High Z
ICC, ICC1, ICC2
Read
L
H
L
H
DOUT
ICC, ICC1, ICC2
Write
L
H
X
L
DIN
ICC, ICC1, ICC2
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
6
pF
VIN = 0V
CI/O*
Input/Output Capacitance
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com