Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P33BF70 Datasheet(PDF) 9 Page - Numonyx B.V

Part # JS28F640P33BF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33BF70 Datasheet(HTML) 9 Page - Numonyx B.V

Back Button JS28F640P33BF70 Datasheet HTML 5Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 6Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 7Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 8Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 9Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 10Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 11Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 12Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Datasheet
Jul 2011
9
Order Number:208034-04
P33-65nm SBC
Table 2:
Easy BGA Package Dimensions
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.200
-
-
0.0472
Ball Height
A1
0.250
-
-
0.0098
-
-
Package Body Thickness
A2
-
0.780
-
-
0.0307
-
Ball (Lead) Width
b
0.310
0.410
0.510
0.0120
0.0160
0.0200
Package Body Width
D
9.900
10.000
10.100
0.3898
0.3937
0.3976
Package Body Length
E
7.900
8.000
8.100
0.3110
0.3149
0.3189
Pitch
[e]
-
1.000
-
-
0.0394
-
Ball (Lead) Count
N
-
64
-
-
64
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A1 Distance Along D
S1
1.400
1.500
1.600
0.0551
0.0591
0.0630
Corner to Ball A1 Distance Along E
S2
0.400
0.500
0.600
0.0157
0.0197
0.0236
Note:
Daisy Chain Evaluation Unit information is at Numonyx™ Flash Memory Packaging Technology http://
developer.numonyx.com/design/flash/packtech.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com