Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103F3P6TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8S103F3P6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3P6TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8S103F3P6TR Datasheet HTML 5Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 6Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 7Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 8Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 9Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 10Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 11Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 12Page - STMicroelectronics STM8S103F3P6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
Description
2
The STM8S103x access line 8-bit microcontrollers offer 8 Kbytes Flash program memory,
plus integrated true data EEPROM. The STM8S microcontroller family reference manual
(RM0016) refers to devices in this family as low-density. They provide the following benefits:
Reduced system cost
- Integrated true data EEPROM for up to 300 k write/erase cycles
- High system integration level with internal clock oscillators, watchdog and brown-out
reset.
Performance and robustness
- 16 MHz CPU clock frequency
- Robust I/O, independent watchdogs with separate clock source
- Clock security system
Full documentation and a wide choice of development tools
Advanced core and peripherals made in a state-of-the art technology
Table 1: STM8S103xx access line features
STM8S103F2
STM8S103F3
STM8S103K3
Device
20
20
32
Pin count
16
16
28
Maximum number of GPIOs (I/Os)
16
16
27
Ext. interrupt pins
7
7
7
Timer CAPCOM channels
2
2
3
Timer complementary outputs
5
5
4
A/D converter channels
12
12
21
High sink I/Os
4K
8K
8K
Low density Flash program
memory (bytes)
640
(1)
640
(1)
640
(1)
Data EEPROM (bytes)
1K
1K
1K
RAM (bytes)
Multipurpose timer (TIM1), SPI, I
2C, UART window
WDG,independent WDG, ADC, PWM timer (TIM2), 8-bit
timer (TIM4)
Peripheral set
(1) No read-while-write (RWW) capability
9/113
DocID15441 Rev 6
Description
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com