Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 74Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 75Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 76Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 77Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 78Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 79Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 80Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 81Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 103 page
background image
Figure 31: Typ. VDD - VOH @ VDD = 3.3 V (standard ports)
IID10231
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
1
2
3
4
5
6
7
IOH [mA]
-40°C
25°C
85°C
Figure 32: Typ. VDD - VOH @ VDD = 5 V (high sink ports)
IID10232
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
5
10
15
20
25
IOH [mA]
-40°C
25°C
85°C
Figure 33: Typ. VDD - VOH @ VDD = 3.3 V (high sink ports)
IID10233
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
2
4
6
8
10
12
14
IOH [mA]
-40°C
25°C
85°C
DocID022186 Rev 3
78/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com