Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F051R8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F051R8
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F051R8 Datasheet HTML 6Page - STMicroelectronics STM32F051R8 Datasheet HTML 7Page - STMicroelectronics STM32F051R8 Datasheet HTML 8Page - STMicroelectronics STM32F051R8 Datasheet HTML 9Page - STMicroelectronics STM32F051R8 Datasheet HTML 10Page - STMicroelectronics STM32F051R8 Datasheet HTML 11Page - STMicroelectronics STM32F051R8 Datasheet HTML 12Page - STMicroelectronics STM32F051R8 Datasheet HTML 13Page - STMicroelectronics STM32F051R8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Description
STM32F051x
10/105
Doc ID 022265 Rev 3
Table 2.
STM32F051x family device features and peripheral counts
Peripheral
STM32F051Kx
STM32F051Cx
STM32F051Rx
Flash (Kbytes)
16
32
64
16
32
64
16
32
64
SRAM (Kbytes)
4
848
48
Timers
Advanced
control
1 (16-bit)
General
purpose
5 (16-bit)
1 (32-bit)
Basic
1 (16-bit)
Comm.
interfaces
SPI [I2S](1)
1[1] (2)
1[1] (2)
2[1]
1[1] (2)
2[1]
I2C1(3)
1(3)
21(3)
2
USART
1(4)
21(4)
21(4)
2
CEC
1
12-bit synchronized
ADC
(number of channels)
1
(10 ext. + 3 int.)
1
(16 ext. + 3 int.)
GPIOs
25 (on LQFP32)
27 (on UFQFPN32)
39
55
Capacitive sensing
channels
13 (on LQFP32)
14 (on UFQFPN32)
17
18
12-bit DAC
(number of channels)
1
(1)
Analog comparator
2
Max. CPU frequency
48 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: -40 °C to 125 °C
Packages
LQFP32
UFQFPN32
LQFP48
LQFP64
1.
The SPI1 interface can be used either in SPI mode or in I2S audio mode.
2.
SPI2 is not present
3.
I2C2 is not present
4.
USART2 is not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com