Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F217ZE Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F217ZE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217ZE Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F217ZE Datasheet HTML 55Page - STMicroelectronics STM32F217ZE Datasheet HTML 56Page - STMicroelectronics STM32F217ZE Datasheet HTML 57Page - STMicroelectronics STM32F217ZE Datasheet HTML 58Page - STMicroelectronics STM32F217ZE Datasheet HTML 59Page - STMicroelectronics STM32F217ZE Datasheet HTML 60Page - STMicroelectronics STM32F217ZE Datasheet HTML 61Page - STMicroelectronics STM32F217ZE Datasheet HTML 62Page - STMicroelectronics STM32F217ZE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 175 page
background image
Port C
PC0
OTG_HS_ULPI_
STP
EVENTOUT
PC1
ETH_MDC
EVENTOUT
PC2
SPI2_MISO
OTG_HS_ULPI_
DIR
ETH _MII_TXD2
EVENTOUT
PC3
SPI2_MOSI
OTG_HS_ULPI_
NXT
ETH
_MII_TX_CLK
EVENTOUT
PC4
ETH_MII_RXD0
ETH_RMII_RXD0
EVENTOUT
PC5
ETH _MII_RXD1
ETH _RMII_RXD1
EVENTOUT
PC6
TIM3_CH1
TIM8_CH1
I2S2_MCK
USART6_TX
SDIO_D6
DCMI_D0
EVENTOUT
PC7
TIM3_CH2
TIM8_CH2
I2S3_MCK
USART6_RX
SDIO_D7
DCMI_D1
EVENTOUT
PC8
TIM3_CH3
TIM8_CH3
USART6_CK
SDIO_D0
DCMI_D2
EVENTOUT
PC9
MCO2
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S2_CKIN
I2S3_CKIN
SDIO_D1
DCMI_D3
EVENTOUT
PC10
SPI3_SCK
I2S3_SCK
USART3_TX
UART4_TX
SDIO_D2
DCMI_D8
EVENTOUT
PC11
SPI3_MISO
USART3_RX
UART4_RX
SDIO_D3
DCMI_D4
EVENTOUT
PC12
SPI3_MOSI
I2S3_SD
USART3_CK
UART5_TX
SDIO_CK
DCMI_D9
EVENTOUT
PC13
EVENTOUT
PC14-
OSC32_IN
EVENTOUT
PC15-
OSC32_OU
T
EVENTOUT
Table 9. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com