| Electronic Components Datasheet Search |
|
STM32L151ZD Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151ZD Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 140 page ![]() Pin descriptions STM32L151xD STM32L152xD 40/140 Doc ID 022027 Rev 6 82 H12 60 - - PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33/FSMC_A18 83 - - - - VSS_8 SVSS_8 84 - - - - VDD_8 SVDD_8 85 H11 61 - - PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34/FSMC_D0 86 H10 62 - - PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35/FSMC_D1 87 G10 - - - PG2 I/O FT PG2 FSMC_A12/ADC_IN10b/COMP1_INP 88 F9 - - - PG3 I/O FT PG3 FSMC_A13/ADC_IN11b/COMP1_INP 89 F10 - - - PG4 I/O FT PG4 FSMC_A14/ADC_IN12b/COMP1_INP 90 E9 - - - PG5 I/O FT PG5 FSMC_A15 91 - - - - PG6 I/O FT PG6 92 - - - - PG7 I/O FT PG7 93 - - - - PG8 I/O FT PG8 94 F6 - - - VSS_9 SVSS_9 95 G6 - - - VDD_9 SVDD_9 96 E12 63 37 E1 PC6 I/O FT PC6 TIM3_CH1/I2S2_MCK/LCD_SEG24/SDIO_D6 97 E11 64 38 E2 PC7 I/O FT PC7 TIM3_CH2/I2S3_MCK/LCD_SEG25/SDIO_D7 98 E10 65 39 E3 PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26/SDIO_D0 99 D12 66 40 D1 PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27/SDIO_D1 100 D11 67 41 E4 PA8 I/O FT PA8 USART1_CK/MCO/LCD_COM0 101 D10 68 42 D2 PA9 I/O FT PA9 USART1_TX / LCD_COM1 102 C12 69 43 D3 PA10 I/O FT PA10 USART1_RX / LCD_COM2 103 B12 70 44 C1 PA11 I/O FT PA11 USART1_CTS/ USB_DM/SPI1_MISO 104 A12 71 45 C2 PA12 I/O FT PA12 USART1_RTS/USB_DP/SPI1_MOSI 105 A11 72 46 D4 PA13 I/O FT JTMS- SWDAT 106 C11 73 - - PH2 I/O FT PH2 FSMC_A22 107 F11 74 47 B1 VSS_2 SVSS_2 108 G11 75 48 A1 VDD_2 SVDD_2 109 A10 76 49 B2 PA14 I/O FT JTCK- SWCLK 110 A9 77 50 C3 PA15 I/O FT JTDI TIM2_CH1_ETR/ SPI1_NSS/SPI3_NSS/ I2S3_WS/LCD_SEG17 111 B11 78 51 A2 PC10 I/O FT PC10 SPI3_SCK/I2S3_CK/USART3_TX/ UART4_TX/ LCD_SEG28/LCD_SEG40/LCD_COM4/SDIO_D2 112 C10 79 52 B3 PC11 I/O FT PC11 SPI3_MISO/USART3_RX/UART4_RX/ LCD_SEG29/LCD_SEG41/LCD_COM5/SDIO_D3 113 B10 80 53 C4 PC12 I/O FT PC12 SPI3_MOSI/I2S3_SD/USART3_CK/ UART5_TX/ LCD_SEG30/ LCD_SEG42/LCD_COM6/SDIO_CK Table 9. STM32L15xxD pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |