Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4680IPTSQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18F4680IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680IPTSQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18F4680IPTSQTP Datasheet HTML 52Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 53Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 54Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 55Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 56Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 57Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F4680IPTSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 54
Preliminary
© 2007 Microchip Technology Inc.
TXB0D5
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D4
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D3
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D2
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D1
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D0
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0DLC
2585 2680 4585 4680
-x-- xxxx
-u-- uuuu
-u-- uuuu
TXB0EIDL
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0EIDH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
-uuu uuuu
TXB0SIDL
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- u-uu
TXB0SIDH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0CON
2585 2680 4585 4680
0000 0-00
0000 0-00
uuuu u-uu
TXB1D7
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D6
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D5
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D4
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D3
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D2
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D1
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D0
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1DLC
2585 2680 4585 4680
-x-- xxxx
-u-- uuuu
-u-- uuuu
TXB1EIDL
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1EIDH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1SIDL
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- uu-u
TXB1SIDH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
-uuu uuuu
TXB1CON
2585 2680 4585 4680
0000 0-00
0000 0-00
uuuu u-uu
TXB2D7
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D6
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D5
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D4
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D3
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D2
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
0uuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com