Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN2540-800G-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN2540-800G-TR
Description  Standard 25 A SCRs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-800G-TR Datasheet(HTML) 5 Page - STMicroelectronics

  TN2540-800G-TR Datasheet HTML 1Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 2Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 3Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 4Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 5Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 6Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 7Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 8Page - STMicroelectronics TN2540-800G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TN2540, TXN625, TYN625, TYN825, TYN1225
Ordering information schemes
Doc ID 7478 Rev 8
5/10
2
Ordering information schemes
Figure 11.
TN2540-x00G ordering information scheme
Figure 12.
TXN625RG ordering information scheme
Figure 13.
TYNx25RG ordering information scheme
TN 25 40 - 600 G -TR
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
25 = 25 A
40 = 40 mA
600 = 600 V
800 = 800 V
G = D2PAK
-TR = Tape and reel
TXN
6
25
RG
Standard SCR series in TO-220AB ins
Packing mode
Voltage
Current
6 = 600 V
8 = 800 V
25 = 25 A
RG = Tube
TYN
6
25
RG
Standard SCR series in TO-220AB
Packing mode
Voltage
Current
6 = 600 V
8 = 800 V
12 =1200 V
25 = 25 A
RG = Tube



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com