Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRCW0805562RFSTA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CRCW0805562RFSTA
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805562RFSTA Datasheet(HTML) 5 Page - Vishay Siliconix

  CRCW0805562RFSTA Datasheet HTML 1Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 2Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 3Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 4Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 5Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 6Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 7Page - Vishay Siliconix CRCW0805562RFSTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20008
122
Revision: 18-Nov-10
D/CRCW
Vishay
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
10
120
Resistance Value
R in Ω
Non-Linearity
100
80
40
60
20
0
100
1K
10K
100K
1M
10M
1206, 2010
0805
0603
0402
100
1K
10K
100K
1M
10M
100
10
1
0.1
0.01
Current Noise
2010
1206
08
05
0603
0402
Resistance Value
R in Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com