Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8250-R56K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 8250-R56K-RC
Description  Shielded RF Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

8250-R56K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  8250-R56K-RC Datasheet HTML 1Page - Bourns Electronic Solutions 8250-R56K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
Current rating up to 3 A
Inductance range: 0.1 µH to 100,000 µH
Shielded
RoHS compliant*
Applications
Signal processing
Telecommunications
Dense board designs
8250 Series - Shielded RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
Test
SRF
DCR
Part
Inductance
Freq.
(MHz)
(
Ω)
Idc
Isat
Number
(µH) ±10 %
Q Min.
(MHz)
Min.
max.
(mA)
(mA)
8250-R10K-RC
0.10
50
25
400
0.026
3000
3000
8250-R12K-RC
0.12
50
25
400
0.029
2860
2860
8250-R15K-RC
0.15
50
25
400
0.034
2600
2600
8250-R18K-RC
0.18
50
25
400
0.044
2300
2300
8250-R22K-RC
0.22
50
25
400
0.056
2050
2050
8250-R27K-RC
0.27
50
25
400
0.090
1625
1625
8250-R33K-RC
0.33
47
25
325
0.122
1400
1400
8250-R39K-RC
0.39
47
25
390
0.161
1220
1220
8250-R47K-RC
0.47
47
25
264
0.218
1060
1060
8250-R56K-RC
0.56
45
25
249
0.290
900
900
8250-R68K-RC
0.68
43
25
221
0.382
790
790
8250-R82K-RC
0.82
41
25
200
0.450
725
725
8250-1R0K-RC
1.0
42
25
156
0.054
2080
2080
8250-1R2K-RC
1.2
43
7.9
144
0.070
1840
1840
8250-1R5K-RC
1.5
41
7.9
128
0.096
1560
1560
8250-1R8K-RC
1.8
42
7.9
121
0.107
1480
1480
8250-2R2K-RC
2.2
42
7.9
108
0.142
1290
1290
8250-2R7K-RC
2.7
41
7.9
96
0.284
1130
1130
8250-3R3K-RC
3.3
41
7.9
88
0.260
950
950
8250-3R9K-RC
3.9
41
7.9
84
0.354
815
815
8250-4R7K-RC
4.7
42
7.9
72
0.168
710
710
8250-5R6K-RC
5.6
42
7.9
69
0.511
680
680
8250-6R8K-RC
6.8
42
7.9
62
0.750
560
560
8250-8R2K-RC
8.2
46
7.9
58
0.828
535
535
8250-100K-RC
10
46
7.9
53
1.270
532
532
8250-120K-RC
12
50
2.5
47
1.760
368
368
8250-150K-RC
15
50
2.5
41
2.300
325
325
8250-180K-RC
18
50
2.5
43
0.677
596
235
8250-220K-RC
22
50
2.5
38
0.742
565
220
8250-270K-RC
27
50
2.5
36
0.850
526
200
8250-330K-RC
33
50
2.5
33
0.928
505
190
8250-390K-RC
39
50
2.5
29.4
1.28
429
180
8250-470K-RC
47
55
2.5
26.5
1.48
400
175
8250-560K-RC
56
55
2.5
25
1.64
380
160
8250-680K-RC
68
55
2.5
23
2.20
328
150
8250-820K-RC
82
55
2.5
14
1.96
349
140
8250-101K-RC
100
65
2.5
12
2.28
322
120
8250-121K-RC
120
65
0.79
11.2
2.45
311
95
8250-151K-RC
150
65
0.79
10.5
2.79
294
90
8250-181K-RC
180
65
0.79
10.0
3.08
277
85
8250-221K-RC
220
65
0.79
9.4
3.48
251
80
8250-271K-RC
270
65
0.79
8.0
4.55
231
70
8250-331K-RC
330
65
0.79
7.3
5.10
215
65
8250-391K-RC
390
65
0.79
6.9
5.62
205
60
8250-471K-RC
470
70
0.79
6.5
6.45
192
58
8250-561K-RC
560
70
0.79
6.0
8.00
174
55
8250-681K-RC
680
75
0.79
5.6
8.85
163
50
DIMENSIONS:
MM
(INCHES)
General Specifications
Temperature Rise ................ 35 °C at Idc
Rated Current ........ Inductance drop 5 %
typical at Isat
Operating Temperature
................................-55 °C to +105 °C
Storage Temperature
................................-55 °C to +105 °C
Materials
Core Material ................................Ferrite
Wire ...........................Enameled copper
Terminal Coating.................................Sn
Packaging
Standard ...................... 500 pcs. per bag
Optional ........ 2500 pcs. per 14-inch reel
Electrical Schematic
Product Dimensions
~ Continued on page 2 ~
25.4
(1.0)
MIN.
0.51
(0.02)
4.17
(0.164)
MAX.
11.43
(0.45)
MAX.
How To Order
8250 - 101K - ___ - RC
Model
Value Code (see table)
Packaging Code
Blank = 500 pcs. per bag
TR = 2500 pcs. per reel
Compliance Code
RC = RoHS Compliant
Examples:
8250-151K-RC = 150 µH, packaged 500 pcs.
per bag
8250-R39K-TR-RC = 0.39 µH, packaged 2500
pcs. per 14-inch reel


Similar Part No. - 8250-R56K-RC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8250-6005 3M-8250-6005 Datasheet
42Kb / 3P
D Sub Plug Connector, 50 Position
8250-6006 3M-8250-6006 Datasheet
42Kb / 3P
D Sub Plug Connector, 50 Position
8250-7005 3M-8250-7005 Datasheet
42Kb / 3P
D Sub Plug Connector, 50 Position
8250-7006 3M-8250-7006 Datasheet
42Kb / 3P
D Sub Plug Connector, 50 Position
More results

Similar Description - 8250-R56K-RC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADCH-80A MINI-ADCH-80A Datasheet
51Kb / 1P
RF Choke
ADCH-80A+ MINI-ADCH-80A+ Datasheet
215Kb / 1P
RF Choke
logo
Frontier Electronics.
3361I FRONTIER-3361I Datasheet
132Kb / 1P
RF Signal Choke
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
SMD Power Choke (Shielded)
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
SMD Power Choke (Shielded)
logo
Bourns Electronic Solut...
8230 BOURNS-8230 Datasheet
225Kb / 2P
Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
Conformal Coated RF Choke
logo
Frontier Electronics.
OI0707BI FRONTIER-OI0707BI Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
logo
Allied Components Inter...
PCS1087 ALLIED-PCS1087 Datasheet
1Mb / 7P
Power Choke Shielded
logo
Mini-Circuits
ADCH-1220-75 MINI-ADCH-1220-75 Datasheet
314Kb / 2P
RF Choke
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com