Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3221 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3221
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3221 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
3221.2002.03.0.94
1
PowerLinear™
General Description
The AAT3221 and AAT3222 PowerLinear™
NanoPower Low Dropout Linear Regulators are
ideal for portable applications where extended bat-
tery life is critical. This device features extremely
low quiescent current which is typically 1.1µA.
Dropout voltage is also very low, typically less than
200mV at the maximum output current of 150mA.
The AAT3221/2 has an Enable pin feature, which
when asserted will enter the LDO regulator into a
shutdown mode removing power from its load and
offering extended power conservation capabilities
for portable battery powered applications.
The AAT3221/2 has output short circuit and over
current protection. In addition, the device also has
an over temperature protection circuit, which will
shutdown the LDO regulator during extended over-
current events. It is available with active high or
active low enable input.
The AAT3221 and AAT3222 are available in space
saving 5-pin SOT23 packages.
The AAT3221 is
also available in the 8-pin SC70JW package. The
device is rated over a -40°C to 85°C temperature
range.
Since only a small, 1µF ceramic output
capacitor is recommended, often the only space
used is that occupied by the AAT3221/2 itself. The
AAT3221/2 is truly a compact and cost effective volt-
age conversion solution.
The AAT3221/2 is similar to the AAT3220 with the
exception that it offers further power savings with
its enable pin.
Features
•
1.1 µA Quiescent Current
•
Low Dropout: 200 mV (typical)
•
Guaranteed 150 mA Output
•
High accuracy: ±2%
•
Current limit protection
•
Over-Temperature protection
•
Extremely Low power shutdown mode
•
Low Temperature Coefficient
•
Factory programmed output voltages
•
1.8V to 3.5V
•
Stable operation with virtually any output
capacitor type
•
Active high or low Enable pin
•
5-pin SOT23 or 8-pin SC70JW packages
•
4kV ESD
Applications
•
Cellular Phones
•
Notebook Computers
•
Portable Communication Devices
•
Handheld Electronics
•
Remote Controls
•
Digital Cameras
•
PDAs
Typical Application
AAT3221/2
IN
EN
INPUT
GND
OUT
OUTPUT
GND
GND
ENABLE
(ENABLE)
CIN
1
µF
COUT
1
µF
(EN)


Similar Part No. - AAT3221

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Skyworks Solutions Inc.
AAT3221 SKYWORKS-AAT3221 Datasheet
1Mb / 18P
150 mA NanopowerTM LDO Linear Regulator
May 17, 2013
logo
Advanced Analog Technol...
AAT3221IGV-1.6-T1 AAT-AAT3221IGV-1.6-T1 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Skyworks Solutions Inc.
AAT3221IGV-1.6-T1 SKYWORKS-AAT3221IGV-1.6-T1 Datasheet
1Mb / 18P
150 mA NanopowerTM LDO Linear Regulator
May 17, 2013
logo
Advanced Analog Technol...
AAT3221IGV-1.7-T1 AAT-AAT3221IGV-1.7-T1 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
More results

Similar Description - AAT3221

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
3201.2006.01.1.2
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com