Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ600APTR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNQ600APTR-E
Description  Quad channel high side driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600APTR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNQ600APTR-E Datasheet HTML 17Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 18Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 19Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 20Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 21Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 22Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 23Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 24Page - STMicroelectronics VNQ600APTR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VNQ600AP-E
Package and PCB thermal data
Doc ID 10873 Rev 4
21/26
Figure 23. Rthj-amb Vs PCB copper area in open box free air condition
Figure 24. Thermal impedance junction ambient single pulse
10
20
30
40
50
60
70
01
23
45
67
PCB Cu heatsink area (cm^2)/island
RTHj_am b
(°C/W)
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
time(s)
Zth(°C/W)
6 cm ^2/is land
3 cm ^2/is land
0,5 cm ^2/is land
One channel ON
Two channels
ON on same chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com