Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM74SH-331M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM74SH-331M-RC
Description  Shielded SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM74SH-331M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM74SH-331M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM74SH-331M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Formerly
model
■ Available in E6 values
■ Current rating to 2.78 amps
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM74SH Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage ....................................0.5 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Materials
Core ...........................Ferrite DR and RI
Wire ............ Enameled copper wire 130
Terminal ....................................Cu/Ni/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
(-2R7M through -221M)
................... Ind. drop 25 % typ. at Isat
(-271M through -102M)
Temperature Rise ................. 30 °C max.
at rated Irms
Packaging.................. 1000 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
RDC
I rms
I sat
Q
Frequency
Min.
Max.
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Typ.
(MHz)
(MHz)
(
Ω)
(A)
(A)
PM74SH-2R7M-RC
2.7
± 20
10
7.96
60
0.027
2.78
3.10
PM74SH-3R9M-RC
3.9
± 20
10
7.96
40
0.028
2.71
2.43
PM74SH-4R7M-RC
4.7
± 20
10
7.96
35
0.030
2.64
2.20
PM74SH-5R6M-RC
5.6
± 20
10
7.96
33
0.036
2.38
2.00
PM74SH-6R3M-RC
6.3
± 20
10
7.96
30
0.038
2.33
1.85
PM74SH-100M-RC
10
± 20
30
2.52
25
0.042
2.00
1.70
PM74SH-120M-RC
12
±20
27
2.52
23
0.050
1.85
1.40
PM74SH-150M-RC
15
± 20
31
2.52
24
0.062
1.60
1.35
PM74SH-180M-RC
18
±20
29
2.52
21
0.070
1.50
1.15
PM74SH-220M-RC
22
± 20
26
2.52
18
0.082
1.35
1.10
PM74SH-270M-RC
27
±20
25
2.52
18
0.110
1.25
1.00
PM74SH-330M-RC
33
± 20
25
2.52
12
0.115
1.15
0.90
PM74SH-390M-RC
39
±20
26
2.52
13
0.130
1.10
0.80
PM74SH-470M-RC
47
± 20
29
2.52
11
0.150
0.95
0.78
PM74SH-560M-RC
56
±20
21
2.52
11
0.200
0.85
0.65
PM74SH-680M-RC
68
± 20
22
2.52
10
0.210
0.77
0.60
PM74SH-820M-RC
82
± 20
22
2.52
9
0.280
0.70
0.60
PM74SH-101M-RC
100
± 20
40
0.796
8
0.300
0.65
0.50
PM74SH-121M-RC
120
±20
30
0.796
7
0.420
0.60
0.45
PM74SH-151M-RC
150
± 20
51
0.796
7
0.480
0.53
0.41
PM74SH-181M-RC
180
±20
52
0.796
5
0.660
0.475
0.375
PM74SH-221M-RC
220
± 20
44
0.796
5
0.700
0.45
0.36
PM74SH-271M-RC
270
±20
30
0.796
5
0.840
0.40
0.275
PM74SH-331M-RC
330
± 20
65
0.796
4
0.730
0.40
0.25
PM74SH-391M-RC
390
±20
27
0.796
5
1.200
0.35
0.225
PM74SH-471M-RC
470
± 20
80
0.796
3
1.100
0.32
0.22
PM74SH-561M-RC
560
±20
27
0.796
4
1.600
0.30
0.20
PM74SH-681M-RC
680
± 20
65
0.796
3
1.600
0.27
0.20
PM74SH-821M-RC
820
±20
26
0.796
3
2.200
0.25
0.175
PM74SH-102M-RC
1000
± 20
90
0.252
3
2.400
0.25
0.15
Electrical Schematic
470
2.4
(.094)
REF.
7.80
(.307)
1.8
(.071)
REF.
1.8
(.071)
REF.
4.2
(.165)
REF.
REF.
220
2.0
(.079)
TYP.
4.50
± 0.3
(.177
± .012)
7.0
± 0.3
(.276
± .012)
7.0
± 0.3
(.276
± .012)
1.5
(.059)
TYP.
4.0
(.157)
TYP.


Similar Part No. - PM74SH-331M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM74SH BOURNS-PM74SH Datasheet
117Kb / 2P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PM74SH-331M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com