Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C44 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 9Page - Texas Instruments TMS320C44 Datasheet HTML 10Page - Texas Instruments TMS320C44 Datasheet HTML 11Page - Texas Instruments TMS320C44 Datasheet HTML 12Page - Texas Instruments TMS320C44 Datasheet HTML 13Page - Texas Instruments TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments TMS320C44 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
GFW Package Pin Assignments Alphabetical Listing by Ball Pin Function
PIN
PIN
PIN
PIN
NO.
FUNCTION
NO.
FUNCTION
NO.
FUNCTION
NO.
FUNCTION
D2
A0
AA1
C4D1
P3
D5
E25
LA5
C1
A1
AA2
C4D2
R2
D6
G24
LA6
C2
A2
Y1
C4D3
N3
D7
F26
LA7
B1
A3
Y2
C4D4
P1
D8
G23
LA8
C4
A4
W2
C4D5
P4
D9
F25
LA9
B3
A5
U3
C4D6
P2
D10
H24
LA10
C5
A6
V2
C4D7
M4
D11
H23
LA11
A4
A7
AF14
C5D0
L3
D12
H26
LA12
D5
A8
AE14
C5D1
M2
D13
H25
LA13
B4
A9
AF13
C5D2
L1
D14
J26
LA14
C6
A10
AC12
C5D3
L2
D15
K24
LA15
B5
A11
AF12
C5D4
K1
D16
J25
LA16
B6
A12
AE12
C5D5
J3
D17
K23
LA17
C8
A13
AF11
C5D6
K2
D18
K26
LA18
A7
A14
AD10
C5D7
J1
D19
L24
LA19
D8
A15
AC20
CACK1
J2
D20
M23
LA20
B7
A16
AE19
CACK2
H3
D21
L26
LA21
C9
A17
AE4
CACK4
H2
D22
M24
LA22
A8
A18
AC10
CACK5
G3
D23
L25
LA23
C10
A19
AD18
CDIR1
G1
D24
W25
LAE
B9
A20
AE20
CDIR2
G2
D25
AB23
LCE0
D10
A21
AF20
CDIR4
F3
D26
AA24
LCE1
A10
A22
AD19
CDIR5
G4
D27
B11
LD0
C11
A23
W4
CE0
F2
D28
A12
LD1
AF8
AE
U4
CE1
E1
D29
C13
LD2
P26
C1D0
AD21
CRDY1
E3
D30
B12
LD3
P25
C1D1
AD17
CRDY2
E4
D31
C14
LD4
R25
C1D2
AB1
CRDY4
Y4
DE
C15
LD5
U24
C1D3
AE10
CRDY5
AE3
EMU0
D15
LD6
U23
C1D4
AD20
CREQ1
AF3
EMU1
B14
LD7
V24
C1D5
AF19
CREQ2
N23
H1
C16
LD8
V25
C1D6
AF4
CREQ4
R24
H3
A15
LD9
V23
C1D7
AE11
CREQ5
R23
IACK
B15
LD10
AF17
C2D0
AE21
CSTRB1
AE22
IIOF0
A17
LD11
AD16
C2D1
AF18
CSTRB2
AF22
IIOF1
C18
LD12
AC15
C2D2
AA3
CSTRB4
AF23
IIOF2
B17
LD13
AF16
C2D3
AD9
CSTRB5
AD22
IIOF3
A18
LD14
AD15
C2D4
U2
D0
E24
LA0
A19
LD15
AE16
C2D5
R4
D1
D26
LA1
B19
LD16
AF15
C2D6
T1
D2
E23
LA2
C20
LD17
AD14
C2D7
R3
D3
D25
LA3
A20
LD18
Y3
C4D0
T2
D4
E26
LA4
B20
LD19
† Thermal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com