Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G00DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G00DC
Description  Dual 2-input NAND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G00DC Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G00DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 12 — 8 April 2013
3 of 20
NXP Semiconductors
74LVC2G00
Dual 2-input NAND gate
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah748
1A
1B
1Y
2A
2B
2Y
001aah749
&
&
mna099
B
A
Y
Fig 4.
Pin configuration SOT505-2 and SOT765-1
Fig 5.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
74LVC2G00
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab736
1
2
3
4
6
5
8
7
74LVC2G00
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab737
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2
Fig 7.
Pin configuration SOT902-2
001aai251
74LVC2G00
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aae980
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com